Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR38-38-20CB Datasheet(PDF) 1 Page - CTS Corporation

Part # APR38-38-20CB
Description  Forged Heat Skins With Pin Fins
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

APR38-38-20CB Datasheet(HTML) 1 Page - CTS Corporation

  APR38-38-20CB Datasheet HTML 1Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9
CTS
®
DESIGN FEATURES
Precision forging technology for high
power applications
Omnidirectional pins
Designed for BGA and other surface
mount packages
Various mounting methods available
Select from multiple fin heights
Width
Length
Height
PRODUCT BENEFITS
No special tools needed for assembly
No additional holes required on the PCB
Special clip easily snaps on and self-aligns
SERIES APR FORGED ALUMINUM HEAT SINKS WITH PIN FINS
Part Number
Fin Matrix
(Rows x Columns)
Length x Width x Height
(mm)
Thermal Resistance
(°C/Watt @ 200 LFPM)
Pressure Drop
(inches of water)
NATURAL CONVECTION
FORCED
CONVECTION @ 200 LFPM
APR19-19-12CB
5 x 5
18.6 x 18.6 x 11.6
14.3
6.9
0.013
APR19-19-15CB
5 x 5
18.6 x 18.6 x 14.6
13.9
6.6
0.013
APR19-19-20CB
5 x 5
18.6 x 18.6 x 19.6
13.2
5.9
0.013
APR19-19-25CB
5 x 5
18.6 x 18.6 x 24.6
13.0
4.5
0.013
APR27-27-12CB
8 x 8
26.6 x 26.6 x 11.6
12.5
5.0
0.015
APR27-27-15CB
8 x 8
26.6 x 26.6 x 14.6
12.1
4.7
0.015
APR27-27-20CB
8 x 8
26.6 x 26.6 x 19.6
11.9
4.0
0.015
APR27-27-25CB
8 x 8
26.6 x 26.6 x 24.6
10.1
3.4
0.015
APR29-29-12CB
8 x 8
28.6 x 28.6 x 11.6
12.0
4.3
0.018
APR29-29-15CB
8 x 8
28.6 x 28.6 x 14.6
11.7
4.0
0.018
APR29-29-20CB
8 x 8
28.6 x 28.6 x 19.6
11.1
3.5
0.018
APR29-29-25CB
8 x 8
28.6 x 28.6 x 24.6
9.9
2.9
0.018
APR33-33-12CB
9 x 9
32.6 x 32.6 x 11.6
11.4
3.8
0.020
APR33-33-15CB
9 x 9
32.6 x 32.6 x 14.6
10.9
3.5
0.020
APR33-33-20CB
9 x 9
32.6 x 32.6 x 19.6
10.1
3.0
0.020
APR33-33-25CB
9 x 9
32.6 x 32.6 x 24.6
9.0
2.5
0.020
APR35-35-12CB
10 x 10
34.7 x 34.7 x 11.6
10.5
3.2
0.022
APR35-35-15CB
10 x 10
34.7 x 34.7 x 14.6
10.2
3.0
0.022
APR35-35-20CB
10 x 10
34.7 x 34.7 x 19.6
9.5
2.6
0.022
APR35-35-25CB
10 x 10
34.7 x 34.7 x 24.6
9.2
2.4
0.022
APR38-38-12CB
11 x 11
37.1 x 37.1 x 11.6
9.8
3.3
0.025
APR38-38-15CB
11 x 11
37.1 x 37.1 x 14.6
9.4
3.0
0.025
APR38-38-20CB
11 x 11
37.1 x 37.1 x 19.6
8.8
2.5
0.025
APR38-38-25CB
11 x 11
37.1 x 37.1 x 24.6
7.9
2.1
0.025
APR40-40-12CB
11 x 11
39.6 x 39.6 x 11.6
9.2
3.1
0.027
APR40-40-15CB
11 x 11
39.6 x 39.6 x 14.6
8.9
2.9
0.027
APR40-40-20CB
11 x 11
39.6 x 39.6 x 19.6
8.1
2.4
0.027
APR40-40-25CB
11 x 11
39.6 x 39.6 x 24.6
7.1
2.0
0.027
APR43-43-12CB
12 x 12
42.1 x 42.1 x 11.6
8.7
3.0
0.029
APR43-43-15CB
12 x 12
42.1 x 42.1 x 14.6
8.3
2.7
0.029
APR43-43-20CB
12 x 12
42.1 x 42.1 x 19.6
7.6
2.3
0.029
APR43-43-25CB
12 x 12
42.1 x 42.1 x 24.6
6.5
2.0
0.029
MATERIAL: 6063 Aluminum Alloy, Black Anodized


Similar Part No. - APR38-38-20CB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APR38-38-20CB CTS-APR38-38-20CB Datasheet
166Kb / 3P
   Forged Heat Sinks
APR38-38-20CB/S CTS-APR38-38-20CB/S Datasheet
166Kb / 3P
   Forged Heat Sinks
More results

Similar Description - APR38-38-20CB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
   Forged Heat Sinks
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
   AER Forged Heat Sinks
CPR19-19-12U CTS-CPR19-19-12U Datasheet
155Kb / 3P
   Forged Copper Heat Sinks
logo
Aavid, Thermal Division...
7022BG AAVID-7022BG Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
logo
CTS Corporation
APF19-19-06CB CTS-APF19-19-06CB Datasheet
36Kb / 2P
   Series APF Low Height Thin-Fin Forged Heat Sinks
logo
Advanced Thermal Soluti...
ATS-61350W-C1-R0 ATS-ATS-61350W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61375R-C1-R0 ATS-ATS-61375R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400K-C1-R0 ATS-ATS-61400K-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61400W-C1-R0 ATS-ATS-61400W-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
ATS-61300R-C1-R0 ATS-ATS-61300R-C1-R0_17 Datasheet
304Kb / 1P
   X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com