Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA3647 Datasheet(PDF) 2 Page - Fuji Electric

Part # FA3647
Description  PWM control IC with light load power saving function For Switching Power Supply Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA3647 Datasheet(HTML) 2 Page - Fuji Electric

  FA3647 Datasheet HTML 1Page - Fuji Electric FA3647 Datasheet HTML 2Page - Fuji Electric FA3647 Datasheet HTML 3Page - Fuji Electric FA3647 Datasheet HTML 4Page - Fuji Electric FA3647 Datasheet HTML 5Page - Fuji Electric FA3647 Datasheet HTML 6Page - Fuji Electric FA3647 Datasheet HTML 7Page - Fuji Electric FA3647 Datasheet HTML 8Page - Fuji Electric FA3647 Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
FA3641P(N), FA3647P(N)
59
s Absolute maximum ratings (Ta=25˚C)
Item
Symbol
Test condition
Rating
Unit
Supply voltage
VCC1
Low impedance source (Icc >15mA)
30
V
VCC2
Internal ZD clamp (Icc < 15mA)
Self limiting
V
Output peak current
IOL
Sink current
+1.0
A
IOH
Source current
–0.5
A
FB pin input voltage
VFB
–0.3 to 5.0
V
REF pin output current
IREF
–10
mA
IS pin input voltage
VIS
–0.3 to 5.0
V
CS pin input current
ICS
2.0
mA
Total power dissipation
Pd
at Ta =25˚C
DIP
800
*1
mW
SOP
400
*2
Operating temperature
Topr
–30 to +85
˚C
Junction temperature
Tj
125
˚C
Storage temperature
Tstg
–40 to +150
˚C
s Block diagram
FA3641
FA3647
Note:
*1 Derating factor Ta > 25˚C: 8.0mW/˚C
Maximum power dissipation curve
*2 Derating factor Ta > 25˚C: 4.0mW/˚C
–30
25
85
125
0
Ambient temperature Ta [˚C]
400mW (SOP)
800mW (DIP)
Pin No. Symbol Function
Description
1
RT
Oscillator timing
Setting oscillation frequency
resistor
2
FB
Feedback
Input to PWM comparator
3
IS (+)/
Overcurrent
Input to overcurrent limiting
IS (–)
detection
function
4
GND
Ground
Ground
5
OUT
Output
Output for direct driving a
power MOSFET
6
VCC
Power supply
Power supply for IC
7
REF
Reference voltage
Reference voltage output
(5V)
8
CS
Soft-start and
Soft-start, ON/OFF and latch-
ON/OFF control
mode shutdown operations


Similar Part No. - FA3647

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3647N FUJI-FA3647N Datasheet
1,014Kb / 24P
   PUJI Power Supply Controllc
FA3647P FUJI-FA3647P Datasheet
1,014Kb / 24P
   PUJI Power Supply Controllc
More results

Similar Description - FA3647

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7631 NJRC-NJU7631 Datasheet
168Kb / 9P
   Step-Down Switching Regulator IC with Power Saving PWM/PFM control
logo
Fuji Electric
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
logo
Fuji Electric
FA13842 FUJI-FA13842 Datasheet
151Kb / 15P
   CMOS IC(For Switching Power Supply Control)
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com