Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AHC244 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN54AHC244
Description  SNx4AHC244 Octal Buffers/Drivers With 3-State Outputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54AHC244 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN54AHC244 Datasheet HTML 6Page - Texas Instruments SN54AHC244 Datasheet HTML 7Page - Texas Instruments SN54AHC244 Datasheet HTML 8Page - Texas Instruments SN54AHC244 Datasheet HTML 9Page - Texas Instruments SN54AHC244 Datasheet HTML 10Page - Texas Instruments SN54AHC244 Datasheet HTML 11Page - Texas Instruments SN54AHC244 Datasheet HTML 12Page - Texas Instruments SN54AHC244 Datasheet HTML 13Page - Texas Instruments SN54AHC244 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
OE
V
GND
A1
A4
Y1
Y4
Regulated 5 V
µC
CC
System Logic
LEDs
µC
System Logic
µC
System Logic
µC or
System Logic
SN54AHC244, SN74AHC244
SCLS226K – OCTOBER 1995 – REVISED JULY 2014
www.ti.com
10 Application and Implementation
10.1 Application Information
The SNx4AHC244 is a low drive CMOS device that can be used for a multitude of bus interface type applications
where output ringing is a concern. The low drive and slow edge rates will minimize overshoot and undershoot on
the outputs. The inputs can except voltages to 5.5 V at any valid VCC making it ideal for down translation.
10.2 Typical Application
Figure 5. Typical Application Diagram
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads so routing and load conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
Recommended input conditions
Specified high and low levels. See (VIH and VIL) in Recommended Operating Conditions.
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC
Recommend output conditions
Load currents should not exceed 25 mA per output and 50 mA total for the part
Outputs should not be pulled above VCC
10
Submit Documentation Feedback
Copyright © 1995–2014, Texas Instruments Incorporated
Product Folder Links: SN54AHC244 SN74AHC244


Similar Part No. - SN54AHC244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC244 TI-SN54AHC244 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC244 TI-SN54AHC244 Datasheet
571Kb / 2P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC244 TI-SN54AHC244 Datasheet
715Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC244 TI-SN54AHC244 Datasheet
691Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC244 TI-SN54AHC244 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54AHC244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com