Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLYZ022 Datasheet(PDF) 7 Page - Texas Instruments

Part # SLYZ022
Description  SNx4AHC244 Octal Buffers/Drivers With 3-State Outputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLYZ022 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SLYZ022 Datasheet HTML 3Page - Texas Instruments SLYZ022 Datasheet HTML 4Page - Texas Instruments SLYZ022 Datasheet HTML 5Page - Texas Instruments SLYZ022 Datasheet HTML 6Page - Texas Instruments SLYZ022 Datasheet HTML 7Page - Texas Instruments SLYZ022 Datasheet HTML 8Page - Texas Instruments SLYZ022 Datasheet HTML 9Page - Texas Instruments SLYZ022 Datasheet HTML 10Page - Texas Instruments SLYZ022 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Temperature (GC)
-100
-50
0
50
100
150
0
1
2
3
4
5
6
7
D001
TPD in ns
VCC (V)
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
D002
TPD in ns
SN54AHC244, SN74AHC244
www.ti.com
SCLS226K – OCTOBER 1995 – REVISED JULY 2014
7.8 Noise Characteristics
VCC = 5 V, CL = 50 pF, TA = 25°C (See
(1))
SN74AHC244
PARAMETER
UNIT
MIN
TYP
MAX
VOL(P)
Quiet output, maximum dynamic VOL
0.5
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.2
V
VOH(V)
Quiet output, minimum dynamic VOH
4.8
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
(1)
Characteristics are for surface-mount packages only.
7.9 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
8.6
pF
7.10 Typical Characteristics
Figure 1. TPD vs Temperature
Figure 2. TPD vs VCC
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54AHC244 SN74AHC244


Similar Part No. - SLYZ022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 27P
[Old version datasheet]   MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 26P
[Old version datasheet]   SN74LVCH16652A 16-Bit Bus Transceiver and Register with 3-State Outputs
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 36P
[Old version datasheet]   xx555 Precision Timers
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 24P
[Old version datasheet]   SN74LVCZ244A Octal Buffer/Driver With 3-State Outputs
SLYZ022 TI1-SLYZ022 Datasheet
2Mb / 32P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
More results

Similar Description - SLYZ022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com