Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54BCT2828A Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54BCT2828A
Description  10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54BCT2828A Datasheet(HTML) 1 Page - Texas Instruments

  SN54BCT2828A Datasheet HTML 1Page - Texas Instruments SN54BCT2828A Datasheet HTML 2Page - Texas Instruments SN54BCT2828A Datasheet HTML 3Page - Texas Instruments SN54BCT2828A Datasheet HTML 4Page - Texas Instruments SN54BCT2828A Datasheet HTML 5Page - Texas Instruments SN54BCT2828A Datasheet HTML 6Page - Texas Instruments SN54BCT2828A Datasheet HTML 7Page - Texas Instruments SN54BCT2828A Datasheet HTML 8Page - Texas Instruments SN54BCT2828A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OE1
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
GND
VCC
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y10
OE2
SN54BCT2828A . . . JT OR W PACKAGE
SN74BCT2828B . . . DW OR NT PACKAGE
(TOP VIEW)
32 1 28 27
12 13 14 15 16 17 18
5
6
7
8
9
10
11
25
24
23
22
21
20
19
Y3
Y4
Y5
NC
Y6
Y7
Y8
A3
A4
A5
NC
A6
A7
A8
426
SN54BCT2828A . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
SN54BCT2828A, SN74BCT2828B
10BIT BUS/MOS MEMORY DRIVERS
WITH 3STATE OUTPUTS
SCBS058A − APRIL 1987 − REVISED NOVEMBER 1993
Copyright
1993, Texas Instruments Incorporated
2−1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
State-of-the-Art BiCMOS Design
Significantly Reduces ICCZ
ESD Protection Exceeds 2000 V
Per MIL-STD-883C, Method 3015
Output Ports Have Equivalent 33-Ω Series
Resistors, So No External Resistors Are
Required
3-State Inverting Outputs Drive Bus Lines
or Buffer Memory Address Registers
Flow-Through Architecture Optimizes
PCB Layout
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK) and Flatpacks, and
Standard Plastic and Ceramic 300-mil DIPs
(JT, NT)
description
These 10-bit bus/MOS memory drivers provide a
high-performance bus interface for wide data
paths or buses carrying parity.
The 3-state control gate is a 2-input AND gate with
active-low inputs so that if either output-enable
(OE1 or OE2) input is high, all ten outputs are in
the high-impedance state. The outputs are also in
the high-impedance state during power-up and
power-down conditions. The outputs remain in the
high-impedance state while the device is powered
down.
The outputs, which are designed to source or sink
up to 12 mA, include 33-
Ω series resistors to
reduce overshoot and undershoot.
The SN54BCT2828A is characterized for opera-
tion over the full military temperature range of
−55
°C to 125°C. The SN74BCT2828B is
characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUT
OE1
OE2
A
OUTPUT
Y
L
L
L
H
L
LH
L
H
XX
Z
X
H
X
Z
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54BCT2828A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT2828A TI1-SN54BCT2828A Datasheet
304Kb / 11P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54BCT2828A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT2828A TI1-SN54BCT2828A Datasheet
304Kb / 11P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2827C TI-SN54BCT2827C_08 Datasheet
418Kb / 12P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2827C TI-SN54BCT2827C Datasheet
74Kb / 5P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2827C TI-SN54BCT2827C_07 Datasheet
397Kb / 12P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN64BCT2827C TI1-SN64BCT2827C Datasheet
86Kb / 5P
[Old version datasheet]   10-BIT BUS/MOS MEMORY DRIVER WITH 3-STATE OUTPUTS
54ACT11828 TI-54ACT11828 Datasheet
78Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI-54ACT11827 Datasheet
87Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI1-54ACT11827_09 Datasheet
100Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11828 TI1-54ACT11828_09 Datasheet
90Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
SN74ALS29827 TI-SN74ALS29827 Datasheet
80Kb / 5P
[Old version datasheet]   10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com