Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA3641N Datasheet(PDF) 3 Page - Fuji Electric

Part # FA3641N
Description  PWM control IC with light load power saving function For Switching Power Supply Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA3641N Datasheet(HTML) 3 Page - Fuji Electric

  FA3641N Datasheet HTML 1Page - Fuji Electric FA3641N Datasheet HTML 2Page - Fuji Electric FA3641N Datasheet HTML 3Page - Fuji Electric FA3641N Datasheet HTML 4Page - Fuji Electric FA3641N Datasheet HTML 5Page - Fuji Electric FA3641N Datasheet HTML 6Page - Fuji Electric FA3641N Datasheet HTML 7Page - Fuji Electric FA3641N Datasheet HTML 8Page - Fuji Electric FA3641N Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
FA3641P(N), FA3647P(N)
60
s Electrical characteristics (Vcc=18V, RT=47k
Ω, Ta=25˚C)
Reference voltage section
Oscillator section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Oscillation frequency
fOSC
RT=47k
Ω, Tj=25˚C
92.6
100
107.4
kHz
Frequency variation 1 (Voltage stability)
fdV
VCC=10 to 28V
±1.6
%
Frequency variation 2 (Temperature stability)
fdT
Ta= –30 to +85
°C
±0.02
% /
°C
s Recommended operating condition
Item
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
10
28
V
REF pin bypass capacitor
Cref
0.1
0.47
µF
Soft-start capacitor
CS
0.01
1
µF
Oscillation frequency (FB >1.2V)
fOSC
30
500
kHz
Min.oscillation frequency at light load mode (FB <1.2V)
fOSCL
10
kHz
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Reference voltage
VREF
Tj=25˚C
4.75
5.00
5.25
V
Voltage variation 1 (Line regulation)
VdV
VCC=10 to 28V
±6
±20
mV
Voltage variation 2 (Load regulation))
VdV
IL=0 to 10mA, Vcc=18V
±6
±20
mV
Voltage variation 3 (Temperature stability)
VdT
Ta= –30 to +85
°C
±0.5
mV/
°C
Pulse width modulation circuit section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
FB pin source current
IFB
VFB=0V
–985
–750
–615
µA
Input threshold voltage (FB pin)
VTH FBO
Duty cycle =0%
0.95
1.03
V
VTH FBM
Duty cycle =
DMAX
2.40
V
Maximum duty cycle
DMAX
VFB=2.5V
66
70
74
%
Reducing oscillation frequency section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
FB pin threshold voltage
VTH FBS
1.18
V
Frequency reduction
k
fS1
VFB=1.10 to 1.15V
16.7
kHZ
Minimum oscillation frequency
foscS2
46
kHZ
Overcurrent limiting circuit section
Item
Symbol
Test condition
FA3641P/N
FA3647P/N
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Input threshold voltage (IS pin)
VTH IS
215
235
255
–188
–168
–148
mV
Input terminal source current (IS pin)
I IS
VIS =0V
–5
–20
µA
Delay time
TPD IS
150
150
ns
Soft-start circuit section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Charge current (CS pin)
ICHG
VCS =1V, Tj=25˚C
–4.0
–6.5
–9.0
µA
Input threshold voltage (CS pin)
VTH CSO
Duty cycle =0%
0.95
1.03
V
VTH CSM
Duty cycle =
DMAX
2.40
V


Similar Part No. - FA3641N

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3641N FUJI-FA3641N Datasheet
1,014Kb / 24P
   PUJI Power Supply Controllc
More results

Similar Description - FA3641N

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7631 NJRC-NJU7631 Datasheet
168Kb / 9P
   Step-Down Switching Regulator IC with Power Saving PWM/PFM control
logo
Fuji Electric
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
logo
Fuji Electric
FA13842 FUJI-FA13842 Datasheet
151Kb / 15P
   CMOS IC(For Switching Power Supply Control)
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com