Electronic Components Datasheet Search |
|
SN54F74 Datasheet(PDF) 2 Page - Texas Instruments |
|
SN54F74 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 17 page SN54F74, SN74F74 DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET SDFS046A – MARCH 1987 – REVISED OCTOBER 1993 2–2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic symbol† S 4 3 1CLK 1D 2 1D R 1 1Q 5 6 C1 10 11 2CLK 12 2D 13 2Q 9 8 1PRE 2PRE 1CLR 2CLR 1Q 2Q † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Pin numbers shown are for the D, J, and N packages. logic diagram, each flip-flop (positive logic) TG C C TG C C TG C C C C TG C C PRE CLK D CLR Q Q absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡ Supply voltage range, VCC – 0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) – 1.2 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input current range – 30 mA to 5 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high state – 0.5 V to VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Current into any output in the low state 40 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range: SN54F74 – 55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74F74 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: The input voltage ratings may be exceeded provided the input current ratings are observed. |
Similar Part No. - SN54F74_14 |
|
Similar Description - SN54F74_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |