Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9758201QEA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9758201QEA
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9758201QEA Datasheet(HTML) 1 Page - Texas Instruments

  5962-9758201QEA Datasheet HTML 1Page - Texas Instruments 5962-9758201QEA Datasheet HTML 2Page - Texas Instruments 5962-9758201QEA Datasheet HTML 3Page - Texas Instruments 5962-9758201QEA Datasheet HTML 4Page - Texas Instruments 5962-9758201QEA Datasheet HTML 5Page - Texas Instruments 5962-9758201QEA Datasheet HTML 6Page - Texas Instruments 5962-9758201QEA Datasheet HTML 7Page - Texas Instruments 5962-9758201QEA Datasheet HTML 8Page - Texas Instruments 5962-9758201QEA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54F138, SN74F138
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SDFS051B – MARCH 1987 – REVISED JULY 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Designed Specifically for High-Speed
Memory Decoders and Data Transmission
Systems
D Incorporates Three Enable Inputs to
Simplify Cascading and/or Data Reception
D Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
The
′F138 is designed to be used in
high-performance memory-decoding or data-
routing
applications
requiring
very
short
propagation delay times. In high-performance
memory systems, these decoders can be used to
minimize the effects of system decoding. When
employed with high-speed memories utilizing a
fast enable circuit, the delay times of this decoder
and the enable time of the memory are usually
less than the typical access time of the memory.
This means that the effective system delay
introduced by the decoder is negligible.
The conditions at the binary-select inputs and the
three enable inputs select one of eight output
lines. Two active-low and one active-high enable
inputs reduce the need for external gates or
inverters when expanding. A 24-line decoder can
be implemented without external inverters and a 32-line decoder requires only one inverter. An enable input can
be used as a data input for demultiplexing applications.
The SN54F138 is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN74F138 is characterized for operation from 0
°C to 70°C.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
SN54F138 ...J PACKAGE
SN74F138 ...D OR N PACKAGE
(TOP VIEW)
SN54F138 . . . FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
Y1
Y2
NC
Y3
Y4
C
G2A
NC
G2B
G1
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
B
C
G2A
G2B
G1
Y7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - 5962-9758201QEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9758201QEA TI-5962-9758201QEA Datasheet
1Mb / 17P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - 5962-9758201QEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
   3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54HCT138 TI-SN54HCT138 Datasheet
95Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com