Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALS193A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS193A
Description  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ALS193A Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54ALS193A Datasheet HTML 2Page - Texas Instruments SN54ALS193A Datasheet HTML 3Page - Texas Instruments SN54ALS193A Datasheet HTML 4Page - Texas Instruments SN54ALS193A Datasheet HTML 5Page - Texas Instruments SN54ALS193A Datasheet HTML 6Page - Texas Instruments SN54ALS193A Datasheet HTML 7Page - Texas Instruments SN54ALS193A Datasheet HTML 8Page - Texas Instruments SN54ALS193A Datasheet HTML 9Page - Texas Instruments SN54ALS193A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SN54ALS193A, SN74ALS193A
SYNCHRONOUS 4BIT UP/DOWN BINARY COUNTERS
WITH DUAL CLOCK AND CLEAR
SDAS211C − DECEMBER 1982 − REVISED JULY 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = R2 = 500
,
TA = MIN to MAX†
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN54ALS193A
SN74ALS193A
UNIT
MIN
MAX
MIN
MAX
fmax
25
30
MHz
tPLH
UP
CO
3
20
3
16
ns
tPHL
UP
CO
3
21
5
18
ns
tPLH
DOWN
BO
4
20
4
16
ns
tPHL
DOWN
BO
5
22
5
18
ns
tPLH
UP or DOWN
Any Q
3
27
3
19
ns
tPHL
UP or DOWN
Any Q
4
23
4
17
ns
tPLH
LOAD
Any Q
7
38
7
30
ns
tPHL
LOAD
Any Q
8
37
8
28
ns
tPHL
CLR
Any Q
5
20
5
17
ns
† For conditions shown MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN54ALS193A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS193A TI-SN54ALS193A Datasheet
130Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS WITH DUAL CLOCK AND CLEAR
SN54ALS193AFK TI-SN54ALS193AFK Datasheet
130Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS WITH DUAL CLOCK AND CLEAR
SN54ALS193AJ TI-SN54ALS193AJ Datasheet
130Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS WITH DUAL CLOCK AND CLEAR
More results

Similar Description - SN54ALS193A

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI-SN54ALS191A Datasheet
133Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B_99 Datasheet
421Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54HC191 TI-SN54HC191 Datasheet
473Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B Datasheet
823Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
Hitachi Semiconductor
HD74LS669 HITACHI-HD74LS669 Datasheet
102Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters
logo
Texas Instruments
SN54ALS169B TI-SN54ALS169B_08 Datasheet
826Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com