Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1538 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN1538
Description  Dual Channel 1A Low Dropout Linear Regulator with UVLO and Soft-start
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1538 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN1538 Datasheet HTML 1Page - Fairchild Semiconductor FAN1538 Datasheet HTML 2Page - Fairchild Semiconductor FAN1538 Datasheet HTML 3Page - Fairchild Semiconductor FAN1538 Datasheet HTML 4Page - Fairchild Semiconductor FAN1538 Datasheet HTML 5Page - Fairchild Semiconductor FAN1538 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FAN1538
PRODUCT SPECIFICATION
2
REV. 1.0.2 12/17/03
Pin Assignments
Pin Descriptions
Absolute Maximum Ratings
Recommended Operating Conditions
Pin Name
SPAK
DPAK
Pin Function
VIN
1
Input supply voltage
NC/FB
2
For V2 fixed, no connect. For V2 adjustable, feedback voltage.
V1
4/5
Output #1
V2
5/4
Output #2
GND
3
Ground
Parameter
Min.
Max.
Units
VIN
10
V
Storage Temperature Range
-65
150
°C
Lead Soldering Temperature, 10 seconds
300
°C
Parameter
Conditions
Min.
Typ.
Max.
Units
VIN
Vin to GND
4.75
5
5.25
V
Ambient Operating Temperature (TA)
0
125
°C
12
3
4 5
FAN1538PB
FRONT VIEW
5-Lead SPAK
Θ
JC=2°C/W
FAN1538PA
FRONT VIEW
5-Lead SPAK
Θ
JC=2°C/W
12
3
4 5
FRONT VIEW
FAN1538DA
FRONT VIEW
FAN1538DB
5-Lead Plastic TO-252 DPAK
Θ
JC=3°C/W Tab is GND
12
3
4
5
1
2
3
4
5


Similar Part No. - FAN1538

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
FAN1537B FAIRCHILD-FAN1537B Datasheet
347Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
FAN1537DA FAIRCHILD-FAN1537DA Datasheet
347Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
FAN1537DB FAIRCHILD-FAN1537DB Datasheet
347Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
FAN1537DC FAIRCHILD-FAN1537DC Datasheet
347Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
More results

Similar Description - FAN1538

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9008 RICHTEK-RT9008 Datasheet
118Kb / 9P
   Low Dropout Linear Regulator Controller with Soft-Start
logo
Texas Instruments
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com