Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS245A-1DWRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS245A-1DWRG4
Description  OCTAL BUS TRANSCEIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS245A-1DWRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS245A-1DWRG4 Datasheet HTML 1Page - Texas Instruments SN74ALS245A-1DWRG4 Datasheet HTML 2Page - Texas Instruments SN74ALS245A-1DWRG4 Datasheet HTML 3Page - Texas Instruments SN74ALS245A-1DWRG4 Datasheet HTML 4Page - Texas Instruments SN74ALS245A-1DWRG4 Datasheet HTML 5Page - Texas Instruments SN74ALS245A-1DWRG4 Datasheet HTML 6Page - Texas Instruments SN74ALS245A-1DWRG4 Datasheet HTML 7Page - Texas Instruments SN74ALS245A-1DWRG4 Datasheet HTML 8Page - Texas Instruments SN74ALS245A-1DWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SN54ALS245A, SN54AS245, SN74ALS245A, SN74AS245
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SDAS272A – NOVEMBER 1994 – REVISED JANUARY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 4.5-V to 5.5-V VCC Operation
D Max tpd of 5.5 ns at 5 V
D 3-State Outputs Drive Bus Lines Directly
D pnp Inputs Reduce dc Loading
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
SN54ALS245A ...J OR W PACKAGE
SN54AS245 ...J PACKAGE
SN74ALS245A . . . DB, DW, N, OR NS PACKAGE
SN74AS245 ...DW, N, OR NS PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
B1
B2
B3
B4
B5
A3
A4
A5
A6
A7
SN54ALS245A, SN54AS245 . . . FK PACKAGE
(TOP VIEW)
description/ordering information
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SN74ALS245A-1N
SN74ALS245A-1N
PDIP – N
Tube
SN74ALS245AN
SN74ALS245AN
SN74AS245N
SN74AS245N
Tube
SN74ALS245ADW
ALS245A
Tape and reel
SN74ALS245ADWR
ALS245A
SOIC
DW
Tube
SN74ALS245A-1DW
ALS245A 1
0
°C to 70°C
SOIC – DW
Tape and reel
SN74ALS245A-1DWR
ALS245A-1
Tube
SN74AS245DW
AS245
Tape and reel
SN74AS245DWR
AS245
Tape and reel
SN74ALS245ANSR
ALS245A
SOP – NS
Tape and reel
SN74ALS245A-1NSR
ALS245A-1
Tape and reel
SN74AS245NSR
74AS245
SSOP – DB
Tape and reel
SN74ALS245ADBR
G245A
CDIP
J
Tube
SNJ54ALS245AJ
SNJ54ALS245AJ
CDIP – J
Tube
SNJ54AS245J
SNJ54AS245J
–55
°C to 125°C
CFP – W
Tube
SNJ54ALS245AW
SNJ54ALS245AW
LCCC
FK
Tube
SNJ54ALS245AFK
SNJ54ALS245AFK
LCCC – FK
Tube
SNJ54AS245FK
SNJ54AS245FK
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74ALS245A-1DWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS245A-1DWR TI-SN74ALS245A-1DWR Datasheet
526Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALS245A-1DWR TI1-SN74ALS245A-1DWR Datasheet
1Mb / 24P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED JANUARY 2003
SN74ALS245A-1DWRE4 TI-SN74ALS245A-1DWRE4 Datasheet
526Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS245A-1DWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT245 TI-SN54BCT245_07 Datasheet
597Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
SN74ALS620A TI-SN74ALS620A Datasheet
390Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
   Octal Bus Transceivers
logo
Texas Instruments
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
   OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com