Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC32DRE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74HC32DRE4
Description  Quadruple 2-Input Positive-OR Gates
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC32DRE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74HC32DRE4 Datasheet HTML 1Page - Texas Instruments SN74HC32DRE4 Datasheet HTML 2Page - Texas Instruments SN74HC32DRE4 Datasheet HTML 3Page - Texas Instruments SN74HC32DRE4 Datasheet HTML 4Page - Texas Instruments SN74HC32DRE4 Datasheet HTML 5Page - Texas Instruments SN74HC32DRE4 Datasheet HTML 6Page - Texas Instruments SN74HC32DRE4 Datasheet HTML 7Page - Texas Instruments SN74HC32DRE4 Datasheet HTML 8Page - Texas Instruments SN74HC32DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
SN54HC32, SN74HC32
www.ti.com
SCLS200E – DECEMBER 1982 – REVISED JULY 2016
Product Folder Links: SN54HC32 SN74HC32
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information: SN54HC32
THERMAL METRIC(1)
SN54HC32
UNIT
CDIP (J)
CFP (W)
LCCC (FK)
14 PINS
14 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
54.9
88.3
61
°C/W
RθJB
Junction-to-board thermal resistance
80.1
156
59.6
°C/W
ψJT
Junction-to-top characterization parameter
°C/W
ψJB
Junction-to-board characterization parameter
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
25.1
15.2
11.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Thermal Information: SN74HC32
THERMAL METRIC(1)
SN74HC32
UNIT
SOIC (D)
SSOP (DB)
PDIP (N)
SOP (NS)
TSSOP (PW)
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient
thermal resistance
90.1
105.4
54.9
88.8
119.6
°C/W
RθJC(top)
Junction-to-case (top)
thermal resistance
50.3
57.3
42.5
46.5
48.4
°C/W
RθJB
Junction-to-board
thermal resistance
44.4
52.7
34.7
47.6
61.3
°C/W
ψJT
Junction-to-top
characterization parameter
17.9
22.6
27.9
16.8
5.6
°C/W
ψJB
Junction-to-board
characterization parameter
44.1
52.2
34.6
47.2
60.7
°C/W
RθJC(bot)
Junction-to-case (bottom)
thermal resistance
°C/W
6.6
Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
VI = VIH or VIL
IOH = –20 µA
VCC = 2 V
1.9
1.998
V
VCC = 4.5 V
4.4
4.499
VCC = 6 V
5.9
5.999
IOH = –4 mA, VCC = 4.5 V
TA = 25°C
3.98
4.3
SN54HC32
3.7
SN74HC32
3.84
IOH = –5.2 mA, VCC = 6 V
TA = 25°C
5.48
5.8
SN54HC32
5.2
SN74HC32
5.34


Similar Part No. - SN74HC32DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC32DRE4 TI-SN74HC32DRE4 Datasheet
518Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32DRE4 TI-SN74HC32DRE4 Datasheet
662Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32DRE4 TI-SN74HC32DRE4 Datasheet
699Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32DRE4 TI1-SN74HC32DRE4 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Similar Description - SN74HC32DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_10 Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74AHC32 UTC-U74AHC32 Datasheet
179Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32PWLE TI-SN74LV32PWLE Datasheet
221Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com