Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC164D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC164D
Description  8-Bit Parallel-Out Serial Shift Registers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC164D Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74HC164D Datasheet HTML 7Page - Texas Instruments SN74HC164D Datasheet HTML 8Page - Texas Instruments SN74HC164D Datasheet HTML 9Page - Texas Instruments SN74HC164D Datasheet HTML 10Page - Texas Instruments SN74HC164D Datasheet HTML 11Page - Texas Instruments SN74HC164D Datasheet HTML 12Page - Texas Instruments SN74HC164D Datasheet HTML 13Page - Texas Instruments SN74HC164D Datasheet HTML 14Page - Texas Instruments SN74HC164D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
CLK
A
B
CLR
QA
QB
QC
QD
QE
QF
QG
QH
Clear
Clear
SN54HC164, SN74HC164
www.ti.com
SCLS115G – DECEMBER 1982 – REVISED SEPTEMBER 2015
7.13 Switching Characteristics, TA = –55°C to 85°C
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 3)
SN74HC164
PARAMETER
FROM (INPUT)
TO (OUTPUT)
VCC
UNIT
MIN
TYP
MAX
2 V
5
fmax
4.5 V
25
MHz
6 V
28
2 V
255
tPHL
CLR
Any Q
4.5 V
51
ns
6 V
46
2 V
220
tpd
CLK
Any Q
4.5 V
44
6 V
38
2 V
95
tt
4.5 V
19
ns
6 V
16
Figure 1. SN74HC164 Example Timing Diagram
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN54HC164 SN74HC164


Similar Part No. - SN74HC164D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC164D TI-SN74HC164D Datasheet
109Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164D TI-SN74HC164D Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164D TI-SN74HC164D Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164D TI-SN74HC164D Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164D TI-SN74HC164D Datasheet
116Kb / 7P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results

Similar Description - SN74HC164D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com