Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC164PWG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HC164PWG4
Description  8-Bit Parallel-Out Serial Shift Registers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC164PWG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC164PWG4 Datasheet HTML 1Page - Texas Instruments SN74HC164PWG4 Datasheet HTML 2Page - Texas Instruments SN74HC164PWG4 Datasheet HTML 3Page - Texas Instruments SN74HC164PWG4 Datasheet HTML 4Page - Texas Instruments SN74HC164PWG4 Datasheet HTML 5Page - Texas Instruments SN74HC164PWG4 Datasheet HTML 6Page - Texas Instruments SN74HC164PWG4 Datasheet HTML 7Page - Texas Instruments SN74HC164PWG4 Datasheet HTML 8Page - Texas Instruments SN74HC164PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
9
A
B
CLR
CLK
Pin numbers shown are for the D, J, N, NS, PW, and W packages.
C1
1D
R
3
QA
C1
1D
R
4
QB
C1
1D
R
5
QC
C1
1D
R
6
QD
C1
1D
R
10
QE
C1
1D
R
11
QF
C1
1D
R
12
QG
C1
1D
R
13
QH
2
1
8
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54HC164, SN74HC164
SCLS115G – DECEMBER 1982 – REVISED SEPTEMBER 2015
SNx4HC164 8-Bit Parallel-Out Serial Shift Registers
1 Features
3 Description
These 8-bit shift registers feature AND-gated serial
1
Wide Operating Voltage Range of 2 V to 6 V
inputs and an asynchronous clear (CLR) input. The
Outputs Can Drive Up to 10 LSTTL Loads
gated serial (A and B) inputs permit complete control
Low Power Consumption, 80-
μA Maximum ICC
over incoming data; a low at either input inhibits entry
of the new data and resets the first flip-flop to the low
Typical tpd = 20 ns
level at the next clock (CLK) pulse. A high-level input
±4-mA Output Drive at 5 V
enables the other input, which then determines the
Low Input Current of 1-
μA Maximum
state of the first flip-flop. Data at the serial inputs can
be changed while CLK is high or low, provided the
AND-Gated (Enable/Disable) Serial Inputs
minimum set-up time requirements are met. Clocking
Fully Buffered Clock and Serial Inputs
occurs on the low-to-high-level transition of CLK.
Direct Clear
On Products Compliant to MIL-PRF-38535,
Device Information(1)
All Parameters Are Tested Unless Otherwise
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Noted. On All Other Products, Production
SOIC (14)
8.65 mm × 3.91 mm
Processing Does Not Necessarily Include Testing
PDIP (14)
19.30 mm × 6.35 mm
SN74HC164
of All Parameters.
SO (14)
10.30 mm × 5.30 mm
TSSOP (14)
5.00 mm × 4.40 mm
2 Applications
CDIP (14)
19.94 mm × 6.92 mm
Programable Logic Controllers
SN54HC164
CFP (14)
9.21 mm × 6.29 mm
Appliances
LCCC (14)
9.39 mm × 9.39 mm
Video Display Systems
(1) For all available packages, see the orderable addendum at
Output Expander
the end of the data sheet.
Logic Diagram (Positive Logic)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HC164PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC164PWG4 TI-SN74HC164PWG4 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164PWG4 TI-SN74HC164PWG4 Datasheet
664Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results

Similar Description - SN74HC164PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com