Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM26LV Datasheet(PDF) 8 Page - Texas Instruments

Part # LM26LV
Description  1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26LV Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM26LV_15 Datasheet HTML 4Page - Texas Instruments LM26LV_15 Datasheet HTML 5Page - Texas Instruments LM26LV_15 Datasheet HTML 6Page - Texas Instruments LM26LV_15 Datasheet HTML 7Page - Texas Instruments LM26LV_15 Datasheet HTML 8Page - Texas Instruments LM26LV_15 Datasheet HTML 9Page - Texas Instruments LM26LV_15 Datasheet HTML 10Page - Texas Instruments LM26LV_15 Datasheet HTML 11Page - Texas Instruments LM26LV_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
tVTEMP
VDD
VTEMP
Valid
tEN
VDD
OVERTEMP
1.3V
Enabled
OVERTEMP
Enabled
LM26LV
SNIS144F – JULY 2007 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for +VDD = +1.6V to +5.5V. Boldface limits apply for TA = TJ = TMIN to
TMAX ; all other limits TA = TJ = 25°C.
Units
Symbol
Parameter
Conditions
Typical(1)
Limits(2)
(Limit)
TRIP TEST DIGITAL INPUT
VIH
Logic "1" Threshold Voltage
VDD− 0.5
V (min)
VIL
Logic "0" Threshold Voltage
0.5
V (max)
IIH
Logic "1" Input Current
1.5
2.5
μA (max)
IIL
Logic "0" Input Current(6)
0.001
1
μA (max)
TIMING
Time from Power On to Digital
tEN
Output Enabled. See definition
1.1
2.3
ms (max)
below.
tV
Time from Power On to Analog
VTEMP CL = 0 pF to 1100 pF
1.0
2.9
ms (max)
Temperature Valid. See
definition below.
(6)
The 1µA limit is based on a testing limitation and does not reflect the actual performance of the part. Expect to see a doubling of the
current for every 15°C increase in temperature. For example, the 1nA typical current at 25°C would increase to 16nA at 85°C.
Figure 3. Definitions of tEN and tV
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM26LV


Similar Part No. - LM26LV_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26LVCISD NSC-LM26LVCISD Datasheet
517Kb / 18P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
LM26LVCISD-050 NSC-LM26LVCISD-050 Datasheet
546Kb / 20P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
LM26LVCISD-060 NSC-LM26LVCISD-060 Datasheet
546Kb / 20P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
LM26LVCISD-065 NSC-LM26LVCISD-065 Datasheet
546Kb / 20P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
LM26LVCISD-070 NSC-LM26LVCISD-070 Datasheet
546Kb / 20P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
More results

Similar Description - LM26LV_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26LV NSC-LM26LV_08 Datasheet
546Kb / 20P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
LM26LV NSC-LM26LV Datasheet
517Kb / 18P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
logo
Texas Instruments
SM72480 TI1-SM72480 Datasheet
1Mb / 26P
[Old version datasheet]   SM72480 SolarMagic 1.6V, WSON-6 Factory Preset Temperature Switch and Temperature
logo
National Semiconductor ...
SM72480 NSC-SM72480 Datasheet
491Kb / 18P
   SolarMagic 1.6V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM27A TI1-LM27A_13 Datasheet
267Kb / 10P
[Old version datasheet]   Factory Preset Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com