Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM26LV Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM26LV
Description  1.6 V, WSON-6 Factory Preset Temperature Switch and Temperature Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM26LV Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM26LV Datasheet HTML 2Page - Texas Instruments LM26LV Datasheet HTML 3Page - Texas Instruments LM26LV Datasheet HTML 4Page - Texas Instruments LM26LV Datasheet HTML 5Page - Texas Instruments LM26LV Datasheet HTML 6Page - Texas Instruments LM26LV Datasheet HTML 7Page - Texas Instruments LM26LV Datasheet HTML 8Page - Texas Instruments LM26LV Datasheet HTML 9Page - Texas Instruments LM26LV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
LM26LV
SNIS144F – JULY 2007 – REVISED FEBRUARY 2013
www.ti.com
Accuracy Characteristics VTEMP Analog Temperature Sensor Output Accuracy
(1)
There are four gains corresponding to each of the four Temperature Trip Point Ranges. Gain 1 is the sensor gain used for
Temperature Trip Point 0 - 69°C. Likewise Gain 2 is for Trip Points 70 - 109 °C; Gain 3 for 110 - 129 °C; and Gain 4 for 130 -
150 °C. These limits do not include DC load regulation. These stated accuracy limits are with reference to the values in the
LM26LV/LM26LV-Q1 Conversion Table.
Units
Parameter
Conditions
Limits(2)
(Limit)
TA = 20°C to 40°C
VDD = 1.6 to 5.5 V
±1.8
TA = 0°C to 70°C
VDD = 1.6 to 5.5 V
±2.0
TA = 0°C to 90°C
VDD = 1.6 to 5.5 V
±2.1
Gain 1: for Trip Point
°C (max)
Range 0 - 69°C
TA = 0°C to 120°C
VDD = 1.6 to 5.5 V
±2.2
TA = 0°C to 150°C
VDD = 1.6 to 5.5 V
±2.3
TA = −50°C to 0°C
VDD = 1.7 to 5.5 V
±1.7
TA = 20°C to 40°C
VDD = 1.8 to 5.5 V
±1.8
TA = 0°C to 70°C
VDD = 1.9 to 5.5 V
±2.0
TA = 0°C to 90°C
VDD = 1.9 to 5.5 V
±2.1
Gain 2: for Trip Point
°C (max)
Range 70 - 109°C
TA = 0°C to 120°C
VDD = 1.9 to 5.5 V
±2.2
TA = 0°C to 150°C
VDD = 1.9 to 5.5 V
±2.3
TA = −50°C to 0°C
VDD = 2.3 to 5.5 V
±1.7
VTEMP Temperature
Accuracy(3)
TA = 20°C to 40°C
VDD = 2.3 to 5.5 V
±1.8
TA = 0°C to 70°C
VDD = 2.5 to 5.5 V
±2.0
TA = 0°C to 90°C
VDD = 2.5 to 5.5 V
±2.1
Gain 3: for Trip Point
°C (max)
Range 110 - 129°C
TA = 0°C to 120°C
VDD = 2.5 to 5.5 V
±2.2
TA = 0°C to 150°C
VDD = 2.5 to 5.5 V
±2.3
TA = −50°C to 0°C
VDD = 3.0 to 5.5 V
±1.7
TA = 20°C to 40°C
VDD = 2.7 to 5.5 V
±1.8
TA = 0°C to 70°C
VDD = 3.0 to 5.5 V
±2.0
TA = 0°C to 90°C
VDD = 3.0 to 5.5 V
±2.1
Gain 4: for Trip Point
°C (max)
Range 130 - 150°C
TA = 0°C to 120°C
VDD = 3.0 to 5.5 V
±2.2
TA = 0°C to 150°C
VDD = 3.0 to 5.5 V
±2.3
TA = −50°C to 0°C
VDD = 3.6 to 5.5 V
±1.7
(1)
Changes in output due to self heating can be computed by multiplying the internal dissipation by the temperature resistance.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(3)
Accuracy is defined as the error between the measured and reference output voltages, tabulated in the Conversion Table at the
specified conditions of supply gain setting, voltage, and temperature (expressed in °C). Accuracy limits include line regulation within the
specified conditions. Accuracy limits do not include load regulation; they assume no DC load.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM26LV


Similar Part No. - LM26LV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26LV NSC-LM26LV Datasheet
517Kb / 18P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
logo
Texas Instruments
LM26LV TI-LM26LV Datasheet
1Mb / 33P
[Old version datasheet]   The LM26LV/LM26LV-Q1 is a low-voltage, precision, dual-output, low-power temperature switch and temperature sensor.
logo
National Semiconductor ...
LM26LV NSC-LM26LV Datasheet
546Kb / 20P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
LM26LVCISD NSC-LM26LVCISD Datasheet
517Kb / 18P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
LM26LVCISD-050 NSC-LM26LVCISD-050 Datasheet
546Kb / 20P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
More results

Similar Description - LM26LV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26LV NSC-LM26LV_08 Datasheet
546Kb / 20P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
LM26LV NSC-LM26LV Datasheet
517Kb / 18P
   1.6 V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
logo
Texas Instruments
SM72480 TI1-SM72480 Datasheet
1Mb / 26P
[Old version datasheet]   SM72480 SolarMagic 1.6V, WSON-6 Factory Preset Temperature Switch and Temperature
logo
National Semiconductor ...
SM72480 NSC-SM72480 Datasheet
491Kb / 18P
   SolarMagic 1.6V, LLP-6 Factory Preset Temperature Switch and Temperature Sensor
logo
Texas Instruments
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM27A TI1-LM27A_13 Datasheet
267Kb / 10P
[Old version datasheet]   Factory Preset Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com