Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC166DE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HC166DE4
Description  8-BIT PARALLEL-LOAD SHIFT REGISTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC166DE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC166DE4 Datasheet HTML 1Page - Texas Instruments SN74HC166DE4 Datasheet HTML 2Page - Texas Instruments SN74HC166DE4 Datasheet HTML 3Page - Texas Instruments SN74HC166DE4 Datasheet HTML 4Page - Texas Instruments SN74HC166DE4 Datasheet HTML 5Page - Texas Instruments SN74HC166DE4 Datasheet HTML 6Page - Texas Instruments SN74HC166DE4 Datasheet HTML 7Page - Texas Instruments SN74HC166DE4 Datasheet HTML 8Page - Texas Instruments SN74HC166DE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
SN54HC166, SN74HC166
8BIT PARALLELLOAD SHIFT REGISTERS
SCLS117D − DECEMBER 1982 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 13 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Synchronous Load
D Direct Overriding Clear
D Parallel-to-Serial Conversion
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
H
QH
NC
G
F
B
C
NC
D
CLK INH
SN54HC166 ...FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SER
A
B
C
D
CLK INH
CLK
GND
VCC
SH/LD
H
QH
G
F
E
CLR
SN54HC166 ...J OR W PACKAGE
SN74HC166 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
description/ordering information
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC166N
SN74HC166N
Tube of 40
SN74HC166D
SOIC − D
Reel of 2500
SN74HC166DR
HC166
SOIC − D
Reel of 250
SN74HC166DT
HC166
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC166NSR
HC166
−40 C to 85 C
SSOP − DB
Reel of 2000
SN74HC166DBR
HC166
Tube of 90
SN74HC166PW
TSSOP − PW
Reel of 2000
SN74HC166PWR
HC166
TSSOP − PW
Reel of 250
SN74HC166PWT
HC166
CDIP − J
Tube of 25
SNJ54HC166J
SNJ54HC166J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC166W
SNJ54HC166W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC166FK
SNJ54HC166FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC166DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC166DE4 TI-SN74HC166DE4 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results

Similar Description - SN74HC166DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com