Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2642 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2642
Description  Two-Phase Synchronous Step-Down Switching Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2642 Datasheet(HTML) 5 Page - Texas Instruments

  LM2642 Datasheet HTML 1Page - Texas Instruments LM2642 Datasheet HTML 2Page - Texas Instruments LM2642 Datasheet HTML 3Page - Texas Instruments LM2642 Datasheet HTML 4Page - Texas Instruments LM2642 Datasheet HTML 5Page - Texas Instruments LM2642 Datasheet HTML 6Page - Texas Instruments LM2642 Datasheet HTML 7Page - Texas Instruments LM2642 Datasheet HTML 8Page - Texas Instruments LM2642 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LM2642
www.ti.com
SNVS203I – MAY 2002 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VIN = 15V, GND = PGND = 0V, VLIN5 = VDD1 = VDD2. Limits appearing in boldface type apply
over the specified operating junction temperature range, (-20°C to +125°C, if not otherwise specified). Specifications
appearing in plain type are measured using low duty cycle pulse testing with TA = 25°C
(1), (2). Min/Max limits are specified by
design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
System
ΔVOUT/VOUT
Load Regulation
VIN = 15V, Vcompx = 0.5V to 1.5V
0.04
%
ΔVOUT/VOUT
Line Regulation
5.5V
≤ VIN ≤ 30V, Vcompx =1.25V
0.04
%
VFB1_FI2
Feedback Voltage
5.5V
≤ VIN ≤ 30V
1.215
1.238
1.260
0°C to 125°C
1.217
1.259
V
-40°C to 125°C
1.212
1.261
IVIN
Input Supply Current
VON_SSx > 2V
1.0
mA
5.5V
≤ VIN ≤ 30V
2.0
Shutdown (3)
37
µA
VON_SS1 = VON_SS2= 0V
110
VLIN5
VLIN5 Output Voltage (4)
IVLIN5 = 0 to 25mA,
4.70
5
5.30
5.5V
≤ VIN ≤ 30V
V
-40°C to 125°C
4.68
5.30
VCLos
Current Limit Comparator
±2
±7.0
mV
Offset (VILIMX
−VRSNSX)
ICL
Current Limit Sink Current
9
10
11
µA
-40°C to 125°C
8.67
11
Iss_SC1,
Soft-Start Source Current
VON_ss1 = VON_ss2 = 1.5V (on)
0.5
2
5.0
µA
Iss_SC2
Iss_SK1,
Soft-Start Sink Current
VON_ss1 = VON_ss2 = 2V
2
5.2
10
µA
Iss_SK2
VON_SS1,
Soft-Start On Threshold
0.7
1.12
1.4
V
VON_SS2
VSSTO
Soft-Start Timeout
(5)
3.3
V
Threshold
Isc_uvdelay
UV_DELAY Source Current
UV-DELAY = 2V
2
5
9
µA
Isk_uvdelay
UV_DELAY Sink Current
UV-DELAY = 0.4V
0.2
0.48
1.2
mA
VUVDelay
UV_DELAY Threshold
2.3
V
Voltage
VUVP
FB1, FB2, Under Voltage
As a percentage of nominal output voltage
75
80
86
%
Protection Latch Threshold
(falling edge)
Hysteresis
4
%
VOVP
VOUT Overvoltage
As a percentage measured at VFB1, VFB2
107
113
122
%
Shutdown Latch Threshold
Vpwrbad
Regulator Window Detector
As a percentage of output voltage
Thresholds (PGOOD1 from
86.5
90.3
94.5
%
High to Low)
Vpwrgd
Regulator Window Detector
Thresholds (PGOOD1 from
91.5
94
97.0
%
Low to High)
Swx_R
SW1, SW2 ON-Resistance
VSW1 = VSW2 = 2V
420
480
535
Gate Drive
ICBOOT
CBOOTx Leakage Current
VCBOOT1 = VCBOOT2 = 7V
10
nA
(1)
A typical is the center of characterization data measured with low duty cycle pulse tsting at TA = 25°C. Typicals are not ensured.
(2)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TA = TJ = 25°C. All
hot and cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(3)
Both switching controllers are off. The linear regulator VLIN5 remains on.
(4)
The output voltage at the VLIN5 pin may be as high as 5.9V in shutdown mode (ON/SS1 = ON/SS2 = 0V).
(5)
When SS1 and SS2 pins are charged above this voltage and either of the output voltages at Vout1 or Vout2 is still below the regulation
limit, the under voltage protection feature is initialized.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2642


Similar Part No. - LM2642

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2642 NSC-LM2642 Datasheet
643Kb / 20P
   Two-Phase Synchronous Step-Down Switching Controller
logo
Texas Instruments
LM2642 TI-LM2642 Datasheet
1Mb / 31P
[Old version datasheet]   LM2642 Two-Phase Synchronous Step-Down Switching Controller
logo
National Semiconductor ...
LM26420 NSC-LM26420 Datasheet
635Kb / 28P
   Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
logo
Texas Instruments
LM26420 TI1-LM26420 Datasheet
1Mb / 47P
[Old version datasheet]   Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
LM26420-Q0 TI-LM26420-Q0 Datasheet
1Mb / 44P
[Old version datasheet]   LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
More results

Similar Description - LM2642

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2642 NSC-LM2642 Datasheet
643Kb / 20P
   Two-Phase Synchronous Step-Down Switching Controller
logo
Texas Instruments
LM2642MTCX TI-LM2642MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2642 Two-Phase Synchronous Step-Down Switching Controller
logo
National Semiconductor ...
LM2648 NSC-LM2648 Datasheet
1,017Kb / 23P
   Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
logo
Linear Technology
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2 Datasheet
401Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850 LINER-LTC3850 Datasheet
522Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2_15 Datasheet
413Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850EUFDTRPBF LINER-LTC3850EUFDTRPBF Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-1 LINER-LTC3850-1_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com