Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2670 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2670
Description  LM2670 SIMPLE SWITCHER짰 High Efficiency 3-A Step-Down Voltage Regulator With Sync
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2670 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2670 Datasheet HTML 2Page - Texas Instruments LM2670 Datasheet HTML 3Page - Texas Instruments LM2670 Datasheet HTML 4Page - Texas Instruments LM2670 Datasheet HTML 5Page - Texas Instruments LM2670 Datasheet HTML 6Page - Texas Instruments LM2670 Datasheet HTML 7Page - Texas Instruments LM2670 Datasheet HTML 8Page - Texas Instruments LM2670 Datasheet HTML 9Page - Texas Instruments LM2670 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
LM2670
SNVS036K – APRIL 2000 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM2670
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
All room temperature limits are 100% tested during production with TA = TJ = 25°C. All limits at temperature extremes are specified
through correlation using standard Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level
(AOQL).
(2)
Typical values are determined with TA = TJ = 25°C and represent the most likely norm.
6.7 Electrical Characteristics – 12 V
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOUT
Output voltage
VIN = 15 V to 40 V,
100 mA
≤ IOUT ≤ 5 A
11.76
12
12.24
V
over the entire junction temperature
range of operation –40°C to 125°C
11.64
12.36
η
Efficiency
VIN = 24 V, ILOAD = 5 A
94%
6.8 Electrical Characteristics – All Output Voltage Versions
Specifications are for TA = TJ = 25°C unless otherwise specified. Unless otherwise specified VIN = 12 V for the 3.3 V, 5 V and
Adjustable versions, and VIN = 24 V for the 12 V version.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DEVICE PARAMETERS
IQ
Quiescent current
VFEEDBACK = 8 V for 3.3-V, 5-V, and ADJ versions,
VFEEDBACK = 15 V for 12-V Versions
4.2
6
mA
ISTBY
Standby quiescent
current
ON/OFF pin = 0 V
50
100
µA
over the entire junction temperature
range of operation –40°C to 125°C
150
ICL
Current limit
3.8
4.5
5.25
A
over the entire junction temperature range of operation
–40°C to 125°C
3.6
5.4
IL
Output leakage
current
VIN = 40 V,
soft-start pin = 0 V
VSWITCH = 0 V
200
µA
VSWITCH = –1 V
16
15
mA
RDS(ON)
Switch ON-resistance
ISWITCH = 5 A
0.15
0.17
Ω
over the entire junction temperature
range of operation –40°C to 125°C
0.29
fO
Oscillator frequency
Measured at
switch pin
260
kHz
over the entire junction temperature
range of operation –40°C to 125°C
225
280
D
Duty cycle
Maximum duty cycle
91%
Minimum duty cycle
0%
IBIAS
Feedback bias current VFEEDBACK = 1.3 V, ADJ version only
85
nA
VON/OFF
ON/OFF threshold
voltage
1.4
V
over the entire junction temperature range of operation
–40°C to 125°C
0.8
2
ION/OFF
ON/OFF input current
ON/OFF pin = 0 V
20
µA
over the entire junction temperature
range of operation –40°C to 125°C
45
FSYNC
Synchronization
frequency
VSYNC (pin 5) = 3.5 V, 50% duty cycle
400
kHz
VSYNC
SYNC threshold
voltage
1.4
V


Similar Part No. - LM2670

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2670 NSC-LM2670 Datasheet
459Kb / 26P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
LM2670 NSC-LM2670 Datasheet
835Kb / 26P
   SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2670 TI-LM2670 Datasheet
1Mb / 36P
[Old version datasheet]   LM2670 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
LM2670EP TI1-LM2670EP Datasheet
494Kb / 28P
[Old version datasheet]   LM2670EP Enhanced Plastic SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
National Semiconductor ...
LM2670S-12 NSC-LM2670S-12 Datasheet
459Kb / 26P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
More results

Similar Description - LM2670

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2670SX-33 TI-LM2670SX-33 Datasheet
1Mb / 36P
[Old version datasheet]   LM2670 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
National Semiconductor ...
LM2670 NSC-LM2670_05 Datasheet
835Kb / 26P
   SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator with Sync
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678 TI1-LM2678 Datasheet
2Mb / 36P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5-A Step-Down Voltage Regulator
LM2677SD-ADJ TI1-LM2677SD-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2678 TI-LM2678_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2677 NSC-LM2677 Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
LM2670 NSC-LM2670 Datasheet
459Kb / 26P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com