Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2678S-ADJ Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2678S-ADJ
Description  LM2678 SIMPLE SWITCHER짰 High Efficiency 5-A Step-Down Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2678S-ADJ Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2678S-ADJ Datasheet HTML 7Page - Texas Instruments LM2678S-ADJ Datasheet HTML 8Page - Texas Instruments LM2678S-ADJ Datasheet HTML 9Page - Texas Instruments LM2678S-ADJ Datasheet HTML 10Page - Texas Instruments LM2678S-ADJ Datasheet HTML 11Page - Texas Instruments LM2678S-ADJ Datasheet HTML 12Page - Texas Instruments LM2678S-ADJ Datasheet HTML 13Page - Texas Instruments LM2678S-ADJ Datasheet HTML 14Page - Texas Instruments LM2678S-ADJ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
LM2678
www.ti.com
SNVS029J – MARCH 2000 – REVISED JULY 2016
Product Folder Links: LM2678
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Input
The input voltage for the power supply is connected to pin 2. In addition to providing energy to the load the input
voltage also provides bias for the internal circuitry of the LM2678. For ensured performance the input voltage
must be in the range of 8 V to 40 V. For best performance of the power supply the input pin must always be
bypassed with an input capacitor located close to pin 2.
7.3.3 C Boost
A capacitor must be connected from pin 3 to the switch output, pin 1. This capacitor boosts the gate drive to the
internal MOSFET above VIN to fully turn it ON. This minimizes conduction losses in the power switch to maintain
high efficiency. The recommended value for C Boost is 0.01 μF.
7.3.4 Ground
This is the ground reference connection for all components in the power supply. In fast-switching, high-current
applications such as those implemented with the LM2678, TI recommends that a broad ground plane be used to
minimize signal coupling throughout the circuit.
7.3.5 Feedback
This is the input to a two-stage high gain amplifier, which drives the PWM controller. It is necessary to connect
pin 6 to the actual output of the power supply to set the DC output voltage. For the fixed output devices (3.3-V, 5-
V and 12-V outputs), a direct wire connection to the output is all that is required as internal gain setting resistors
are provided inside the LM2678. For the adjustable output version two external resistors are required to set the
DC output voltage. For stable operation of the power supply it is important to prevent coupling of any inductor
flux to the feedback input.
7.3.6 ON/OFF
This input provides an electrical ON/OFF control of the power supply. Connecting this pin to ground or to any
voltage less than 0.8 V is completely turn OFF the regulator. The current drain from the input supply when OFF
is only 50 μA. Pin 7 has an internal pullup current source of approximately 20 μA and a protection clamp Zener
diode of 7 V to ground. When electrically driving the ON/OFF pin the high voltage level for the ON condition
should not exceed the 6 V absolute maximum limit. When ON/OFF control is not required pin 7 should be left
open circuited.
7.4 Device Functional Modes
7.4.1 Shutdown Mode
The ON/OFF pin provides electrical ON and OFF control for the LM2678. When the voltage of this pin is lower
than 1.4 V, the device enters shutdown mode. The typical standby current in this mode is 45 μA.
7.4.2 Active Mode
When the voltage of the ON/OFF pin is higher than 1.4 V, the device starts switching and the output voltage rises
until it reaches a normal regulation voltage.


Similar Part No. - LM2678S-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2678S-ADJ NSC-LM2678S-ADJ Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
More results

Similar Description - LM2678S-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2678 TI-LM2678_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SD-5.0 TI-LM2678SD-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2677SD-ADJ TI1-LM2677SD-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
LM2670 TI1-LM2670 Datasheet
2Mb / 38P
[Old version datasheet]   LM2670 SIMPLE SWITCHER짰 High Efficiency 3-A Step-Down Voltage Regulator With Sync
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com