Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2726M Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2726M
Description  LM2725/LM2726 High Speed Synchronous MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2726M Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2726M Datasheet HTML 3Page - Texas Instruments LM2726M Datasheet HTML 4Page - Texas Instruments LM2726M Datasheet HTML 5Page - Texas Instruments LM2726M Datasheet HTML 6Page - Texas Instruments LM2726M Datasheet HTML 7Page - Texas Instruments LM2726M Datasheet HTML 8Page - Texas Instruments LM2726M Datasheet HTML 9Page - Texas Instruments LM2726M Datasheet HTML 10Page - Texas Instruments LM2726M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
GND
8
HG
2
VCC
6
EN
5
PWM_IN
4
CBOOT
3
LG
7
SW
1
R
Width = 200ns,
One Shot.
Vbias
VX
Vbias
GND
8
HG
2
VCC
6
EN
5
PWM_IN
4
CBOOT
3
LG
7
SW
1
R
Width = 200ns,
One Shot.
VX
Vbias
GND
8
LG
7
VCC
6
EN
5
PWM_IN
4
CBOOT
3
HG
2
SW
1
R
Width = 200ns,
One Shot.
Vbias
VX
Vbias
GND
8
LG
7
VCC
6
EN
5
PWM_IN
4
CBOOT
3
HG
2
SW
1
R
Width = 200ns,
One Shot.
VX
Vbias
LM2725, LM2726
www.ti.com
SNVS144D – NOVEMBER 2000 – REVISED MARCH 2013
Test Circuits
Figure 4. Test Circuit 1
Figure 5. Test Circuit 2
Figure 6. Test Circuit 3
Figure 7. Test Circuit 4
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2725 LM2726


Similar Part No. - LM2726M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2726M NSC-LM2726M Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
LM2726MX NSC-LM2726MX Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
More results

Similar Description - LM2726M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2725 NSC-LM2725 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
logo
Linear Technology
LTC4442-1 LINER-LTC4442-1_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442 Datasheet
161Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4443 LINER-LTC4443 Datasheet
145Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com