Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2750 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2750
Description  LM2750 Low-Noise Switched-Capacitor Boost Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2750 Datasheet(HTML) 1 Page - Texas Instruments

  LM2750 Datasheet HTML 1Page - Texas Instruments LM2750 Datasheet HTML 2Page - Texas Instruments LM2750 Datasheet HTML 3Page - Texas Instruments LM2750 Datasheet HTML 4Page - Texas Instruments LM2750 Datasheet HTML 5Page - Texas Instruments LM2750 Datasheet HTML 6Page - Texas Instruments LM2750 Datasheet HTML 7Page - Texas Instruments LM2750 Datasheet HTML 8Page - Texas Instruments LM2750 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
VOUT
VIN
VIN
2.7 V to 5.6 V
GND
LM2750-5.0
CAP+
CAP-
SD
CIN
2.2 PF
COUT
2.2 PF
CFLY
1 PF
VOUT
5 V ± 4%
8, 9
1, 2
4
10
7
3, 5, 6, DAP
Capacitors: 1 PF - TDK C1608X5R1A105K
2.2 PF - TDK C2012X7R1A225K
IOUT up to 120 mA, (VIN t 2.9 V)
IOUT up to 40 mA, (VIN t 2.7 V)
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM2750, LM2750-ADJ
SNVS180N – APRIL 2002 – REVISED APRIL 2016
LM2750 Low-Noise Switched-Capacitor Boost Regulator
1
1 Features
1
Wide Input Voltage Range: 2.7 V to 5.6 V
Inductorless Solution: Application Requires Only
Three Small Ceramic Capacitors
Fixed 5-V Output and Adjustable Output Voltage
Options Available
85% Peak Efficiency
70% Average Efficiency Over Li-Ion Input
Range (2.9 V to 4.2 V)
Output Current up to 120 mA With 2.9 V
≤ VIN
5.6 V
Output Current up to 40 mA With 2.7 V
≤ VIN
2.9 V
Fixed 1.7-MHz Switching Frequency for a Low-
Noise, Low-Ripple Output Signal
Pre-Regulation Minimizes Input Current Ripple,
Keeping the Battery Line
(VIN) Virtually Noise-Free
Shutdown Supply Current Less Than 2 µA
Tiny WSON Package With Outstanding Power
Dissipation: Usually No Derating Required
2 Applications
White and Colored LED-Based Display Lighting
Cellular Phone SIM Cards
Audio Amplifier Power Supplies
General Purpose Li-Ion-to-5-V Conversion
EPOS Barcode Scanners
Industrial Handheld Radios
3 Description
The
LM2750
is
a
regulated
switched-capacitor
doubler that produces a low-noise output voltage. The
5-V output voltage option (LM2750-5.0) can supply up
to 120 mA of output current over a 2.9-V to 5.6-V
input range, as well as up to 40 mA of output current
when the input voltage is as low as 2.7 V. An
adjustable output voltage option with similar output
current capabilities is also available (LM2750-ADJ).
The LM2750 has been placed in TI's 10-pin WSON, a
package with excellent thermal properties that keeps
the part from overheating under almost all rated
operating conditions.
A perfect fit for space-constrained, battery-powered
applications, the LM2750 requires only three external
components:
one
input
capacitor,
one
output
capacitor,
and
one
flying
capacitor.
Small,
inexpensive ceramic capacitors are recommended for
use. In conjunction with the
1.7-MHz fixed switching frequency of the LM2750,
these capacitors yield low output-voltage ripple, which
is beneficial for systems requiring a low-noise supply.
Pre-regulation minimizes input current ripple, thus
reducing input noise to negligible levels.
A tightly controlled soft-start feature limits inrush
currents during part activation. Shutdown completely
disconnects the load from the input. Output current
limiting and thermal shutdown circuitry protect both
the LM2750 and other connected devices in the event
of output shorts or excessive current loads.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2750
LM2750-ADJ
WSON (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit


Similar Part No. - LM2750

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2750 NSC-LM2750 Datasheet
370Kb / 15P
   Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2750 TI-LM2750 Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750LD-5.0 NSC-LM2750LD-5.0 Datasheet
370Kb / 15P
   Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
LM2750LD-5.0 NSC-LM2750LD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750LD-5.0 TI-LM2750LD-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
More results

Similar Description - LM2750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2750 TI-LM2750_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750SD-50 TI-LM2750SD-50 Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com