Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2754 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2754
Description  LM2754 800mA Switched Capacitor Flash LED Driver with Time-Out Protection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2754 Datasheet(HTML) 4 Page - Texas Instruments

  LM2754 Datasheet HTML 1Page - Texas Instruments LM2754 Datasheet HTML 2Page - Texas Instruments LM2754 Datasheet HTML 3Page - Texas Instruments LM2754 Datasheet HTML 4Page - Texas Instruments LM2754 Datasheet HTML 5Page - Texas Instruments LM2754 Datasheet HTML 6Page - Texas Instruments LM2754 Datasheet HTML 7Page - Texas Instruments LM2754 Datasheet HTML 8Page - Texas Instruments LM2754 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LM2754
SNVS463A – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating junction temperature
range (-40°C to +125 °C). Unless otherwise noted, specifications apply to the LM2754 Typical Application Circuit (pg.1) with
V(IN, INSW) = 3.6V, VEN = 1.8V, VT/F = 0V, VTX = 0V, VSEL = 0V, CIN = C1 = C2 = 2.2µF, COUT = 4.7µF.
(3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VSETx
ISETx Pin Voltage
RSETx = 20kΩ
−3.5%
1.244
+3.5%
V
IDx/ISETx
LED Current to Set Current
IDx = 50mA to 100mA
−7%
795
+7%
mA/mA
Ratio (4)
IDx = 200mA
−11.5%
820
+11.5%
VHR
Current Sink Headroom
IDx = 200mA
550
mV
Voltage (5)
IDx = 50mA
150
VOUT
Output Voltage
1x Mode, IDx = 0mA
4.7
V
1.5x Mode, IDx = 0mA
4.7
2x Mode, IDx = 0mA
5.1
ROUT
Output Impedance
1x Mode
0.25
1.5x Mode
1.3
2x Mode
1.5
IQ
Quiescent Supply Current
1x Mode, IDx = 0mA
0.7
mA
1.5x Mode, IDx = 0mA
3.4
2x Mode, IDx = 0mA
6.3
8
ISD
Shutdown Supply Current
VEN = 0V
0.1
1
µA
fSW
Switching Frequency
0.7
1
1.3
MHz
VIH
Logic Input High
Input Pins: EN, T/F, TX, SEL
1.2
V
VIL
Logic Input Low
Input Pins: EN, T/F, TX, SEL
0.4
IIH
Logic Input High Current (6)
V(EN, T/F, TX, SEL) = 1.8V
4
µA
IIL
Logic Input Low Current (6)
V(EN, T/F, TX, SEL) = 0V
0.5
µA
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers represent the most likely norm.
(3)
CIN, COUT, C1, C2: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics
(4)
IDx/ISETx Ratio was tested with the Charge Pump in a gain of 1x.
(5)
Headroom Voltage (VHR) is the voltage across the current sinks (VDx) at which the current falls to 95% of the nominal programmed
current. VHR is measured from VDx to GND. If the headroom voltage requirement is not met, LED current regulation will be
compromised.
(6)
There is a 500k
Ω resistor connected internally between each logic pin (EN, T/F, TX, SEL) and GND.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2754


Similar Part No. - LM2754

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2754 NSC-LM2754 Datasheet
1Mb / 11P
   800mA Switched Capacitor Flash LED Driver with Time-Out Protection
LM2754SQ NSC-LM2754SQ Datasheet
1Mb / 11P
   800mA Switched Capacitor Flash LED Driver with Time-Out Protection
LM2754SQX NSC-LM2754SQX Datasheet
1Mb / 11P
   800mA Switched Capacitor Flash LED Driver with Time-Out Protection
More results

Similar Description - LM2754

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2754 NSC-LM2754 Datasheet
1Mb / 11P
   800mA Switched Capacitor Flash LED Driver with Time-Out Protection
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2758TLEV TI1-LM2758TLEV Datasheet
876Kb / 18P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2758 NSC-LM2758 Datasheet
1,012Kb / 14P
   Switched Capacitor Flash LED Driver in micro SMD
logo
Texas Instruments
LM2759 TI1-LM2759_13 Datasheet
2Mb / 21P
[Old version datasheet]   LM2759 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2758 TI1-LM2758 Datasheet
928Kb / 23P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
logo
National Semiconductor ...
LM2753 NSC-LM2753 Datasheet
520Kb / 8P
   High Power Switched Capacitor Voltage Convertor/Flash LED Driver
LM2759 NSC-LM2759 Datasheet
119Kb / 2P
   PRODUCT BRIEF 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM2753 TI1-LM2753 Datasheet
1Mb / 20P
[Old version datasheet]   LM2753 High-Power Switched-Capacitor Voltage Converter and Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com