Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2678SD-ADJ Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2678SD-ADJ
Description  LM2678 SIMPLE SWITCHER짰 High Efficiency 5-A Step-Down Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2678SD-ADJ Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2678SD-ADJ Datasheet HTML 2Page - Texas Instruments LM2678SD-ADJ Datasheet HTML 3Page - Texas Instruments LM2678SD-ADJ Datasheet HTML 4Page - Texas Instruments LM2678SD-ADJ Datasheet HTML 5Page - Texas Instruments LM2678SD-ADJ Datasheet HTML 6Page - Texas Instruments LM2678SD-ADJ Datasheet HTML 7Page - Texas Instruments LM2678SD-ADJ Datasheet HTML 8Page - Texas Instruments LM2678SD-ADJ Datasheet HTML 9Page - Texas Instruments LM2678SD-ADJ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
LM2678
SNVS029J – MARCH 2000 – REVISED JULY 2016
www.ti.com
Product Folder Links: LM2678
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
All room temperature limits are 100% tested during production with TA = TJ = 25°C. All limits at temperature extremes are specified
through correlation using standard Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level
(AOQL).
(2)
Typical values are determined with TA = TJ = 25°C and represent the most likely norm.
6.7 Electrical Characteristics – 12 V
Specifications apply for TA = TJ = 25°C and RADJ = 5.6 kΩ (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VOUT
Output voltage
VIN = 15 V to 40 V,
100 mA
≤ IOUT ≤ 5 A
TJ = 25°C
11.76
12
12.24
V
TJ = –40°C to 125°C
11.64
12.36
η
Efficiency
VIN = 24 V, ILOAD = 5 A
92%
(1)
All room temperature limits are 100% tested during production with TA = TJ = 25°C. All limits at temperature extremes are specified
through correlation using standard Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level
(AOQL).
(2)
Typical values are determined with TA = TJ = 25°C and represent the most likely norm.
6.8 Electrical Characteristics – Adjustable
Specifications apply for TA = TJ = 25°C and RADJ = 5.6 kΩ (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VFB
Feedback voltage
VIN = 8 V to 40 V,
100 mA
≤ IOUT ≤ 5 A
VOUT programmed for 5 V
TJ = 25°C
1.186
1.21
1.234
V
TJ = –40°C to 125°C
1.174
1.246
η
Efficiency
VIN = 12 V, ILOAD = 5 A
84%
(1)
The peak switch current limit is determined by the following relationship: ICL = 37,125 / RADJ
6.9 Electrical Characteristics – All Output Voltage Versions
Specifications are for TA = TJ = 25°C, VIN = 12 V for the 3.3-V, 5-V, and adjustable versions, and VIN = 24 V for the 12-V
version (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ
Quiescent current
VFEEDBACK = 8 V for 3.3-V, 5-V, and adjustable versions,
VFEEDBACK = 15 V for 12-V version
4.2
6
mA
ISTBY
Standby quiescent current
ON/OFF pin = 0 V
TJ = 25°C
50
100
µA
TJ = –40°C to 125°C
150
ICL
Current limit
RADJ = 5.6 kΩ
(1)
TJ = 25°C
5.5
6.3
7.6
A
TJ = –40°C to 125°C
5.3
8.1
IL
Output leakage current
VIN = 40 V, soft-start pin = 0 V
VSWITCH = 0 V
1
1.5
mA
VSWITCH = –1 V
6
15
RDS(ON)
Switch ON-Resistance
ISWITCH = 5 A
TJ = 25°C
0.12
0.14
Ω
TJ = –40°C to 125°C
0.225
fO
Oscillator frequency
Measured at switch pin
TJ = 25°C
260
kHz
TJ = –40°C to 125°C
225
280
D
Duty cycle
Maximum duty cycle
91%
Minimum duty cycle
0%
IBIAS
Feedback bias
current
VFEEDBACK = 1.3 V (adjustable version only)
85
nA
VON/OFF
ON/OFF threshold voltage
TJ = 25°C
1.4
V
TJ = –40°C to 125°C
0.8
2
ION/OFF
ON/OFF input current
ON/OFF input = 0 V
TJ = 25°C
20
μA
TJ = –40°C to 125°C
45


Similar Part No. - LM2678SD-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2678SD-ADJ NSC-LM2678SD-ADJ Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SD-ADJ NSC-LM2678SD-ADJ Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678SD-ADJ TI-LM2678SD-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SD-ADJ TI-LM2678SD-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SD-ADJ TI-LM2678SD-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
More results

Similar Description - LM2678SD-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2678 TI-LM2678_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SD-5.0 TI-LM2678SD-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2677SD-ADJ TI1-LM2677SD-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
LM2670 TI1-LM2670 Datasheet
2Mb / 38P
[Old version datasheet]   LM2670 SIMPLE SWITCHER짰 High Efficiency 3-A Step-Down Voltage Regulator With Sync
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com