Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSRC140120RX000 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # FSRC140120RX000
Description  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSRC140120RX000 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  FSRC140120RX000 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. FSRC140120RX000 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. FSRC140120RX000 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
FSRC140120RX000#
“#” indicates a package specification code.
Specifications
Material
RX
Mass
3.4g
Impedance at 10MHz(typ.)
38Ω (1Turn)
Impedance at 100MHz(typ.)
78Ω (1Turn)
A : Outer Dimension
13.8mm
A : Outer Dimension Tolerance
±0.4mm
B : Inner Dimension
9.6mm
B : Inner Dimension Tolerance
±0.4mm
H : Length Dimension
12.0mm
H Length Dimension Tolerance
±0.4mm
E : Width Dimension
5.0mm
E: Width Dimension Tolerance
±0.4mm
C: Gap Dimension
0.8mm
C: Gap Dimension Tolerance
±0.4mm
Number of Turn
1
(ref)Number of Lead
8
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/08/04


Similar Part No. - FSRC140120RX000

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
FSRC140120RX000T MURATA-FSRC140120RX000T Datasheet
223Kb / 9P
   This reference specification is applied to ferrite core (FSRC Series) used for noise suppression
More results

Similar Description - FSRC140120RX000

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com