Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317L-N Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM317L-N
Description  3-Terminal Adjustable Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317L-N Datasheet(HTML) 2 Page - Texas Instruments

  LM317L-N Datasheet HTML 1Page - Texas Instruments LM317L-N Datasheet HTML 2Page - Texas Instruments LM317L-N Datasheet HTML 3Page - Texas Instruments LM317L-N Datasheet HTML 4Page - Texas Instruments LM317L-N Datasheet HTML 5Page - Texas Instruments LM317L-N Datasheet HTML 6Page - Texas Instruments LM317L-N Datasheet HTML 7Page - Texas Instruments LM317L-N Datasheet HTML 8Page - Texas Instruments LM317L-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
LM317L-N
SNVS775K – MARCH 2000 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM317L-N
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Rating ....................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics .......................................... 5
6.6
Typical Characteristics .............................................. 6
7
Detailed Description .............................................. 8
7.1
Overview ................................................................... 8
7.2
Functional Block Diagram ......................................... 9
7.3
Feature Description................................................. 10
7.4
Device Functional Modes........................................ 10
8
Application and Implementation ........................ 13
8.1
Application Information............................................ 13
8.2
Typical Applications ............................................... 13
9
Power Supply Recommendations ...................... 26
10
Layout................................................................... 26
10.1
Layout Guidelines ................................................. 26
10.2
Layout Examples................................................... 26
10.3
Thermal Considerations ........................................ 27
11
Device and Documentation Support ................. 28
11.1
Documentation Support ........................................ 28
11.2
Community Resources.......................................... 28
11.3
Trademarks ........................................................... 28
11.4
Electrostatic Discharge Caution ............................ 28
11.5
Glossary ................................................................ 28
12
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision J (March 2013) to Revision K
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................ 1
Changes from Revision I (March 2013) to Revision J
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 26


Similar Part No. - LM317L-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317L-N TI1-LM317L-N Datasheet
435Kb / 22P
[Old version datasheet]   LM317L 3-Terminal Adjustable Regulator
LM317L-N TI-LM317L-N Datasheet
1Mb / 27P
[Old version datasheet]   The LM317L-N is an adjustable 3-terminal positive voltage regulator capable of supplying 100mA over a 1.2V to 37V output range.
More results

Similar Description - LM317L-N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com