Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317KC Datasheet(PDF) 8 Page - Texas Instruments

Part # LM317KC
Description  3-Terminal Adjustable Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317KC Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM317KC Datasheet HTML 4Page - Texas Instruments LM317KC Datasheet HTML 5Page - Texas Instruments LM317KC Datasheet HTML 6Page - Texas Instruments LM317KC Datasheet HTML 7Page - Texas Instruments LM317KC Datasheet HTML 8Page - Texas Instruments LM317KC Datasheet HTML 9Page - Texas Instruments LM317KC Datasheet HTML 10Page - Texas Instruments LM317KC Datasheet HTML 11Page - Texas Instruments LM317KC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
+
Over Temp &
Over Current
Protection
Input
Adj.
Output
1.25 V
Iadj
LM317
SLVS044W – SEPTEMBER 1997 – REVISED OCTOBER 2014
www.ti.com
8 Detailed Description
8.1 Overview
The LM317 device is an adjustable three-terminal positive-voltage regulator capable of supplying more than 1.5
A over an output-voltage range of 1.25 V to 37 V. It requires only two external resistors to set the output voltage.
The device features a typical line regulation of 0.01% and typical load regulation of 0.1%. It includes current
limiting, thermal overload protection, and safe operating area protection. Overload protection remains functional
even if the ADJUST terminal is disconnected.
The LM317 device is versatile in its applications, including uses in programmable output regulation and local on-
card regulation. Or, by connecting a fixed resistor between the ADJUST and OUTPUT terminals, the LM317
device can function as a precision current regulator. An optional output capacitor can be added to improve
transient response. The ADJUST terminal can be bypassed to achieve very high ripple-rejection ratios, which are
difficult to achieve with standard three-terminal regulators.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 NPN Darlington Output Drive
NPN Darlington output topology provides naturally low output impedance and an output capacitor is optional. To
support maximum current and lowest temperature, 3-V headroom is recommended (VI – VO).
8.3.2 Overload Block
Over-current and over-temperature shutdown protects the device against overload or damage from operating in
excessive heat.
8.3.3 Programmable Feedback
Op amp with 1.25-V offset input at the ADJUST terminal provides easy output voltage or current (not both)
programming. For current regulation applications, a single resistor whose resistance value is 1.25 V/IO and power
rating is greater than (1.25 V)2/R should be used. For voltage regulation applications, two resistors set the output
voltage.
8
Submit Documentation Feedback
Copyright © 1997–2014, Texas Instruments Incorporated
Product Folder Links: LM317


Similar Part No. - LM317KC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317KC TI-LM317KC Datasheet
154Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317KC TI-LM317KC Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317KCE3 TI-LM317KCE3 Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317KCS TI-LM317KCS Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - LM317KC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com