Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8958703XA Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8958703XA
Description  1A Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8958703XA Datasheet(HTML) 7 Page - Texas Instruments

Back Button 5962-8958703XA Datasheet HTML 3Page - Texas Instruments 5962-8958703XA Datasheet HTML 4Page - Texas Instruments 5962-8958703XA Datasheet HTML 5Page - Texas Instruments 5962-8958703XA Datasheet HTML 6Page - Texas Instruments 5962-8958703XA Datasheet HTML 7Page - Texas Instruments 5962-8958703XA Datasheet HTML 8Page - Texas Instruments 5962-8958703XA Datasheet HTML 9Page - Texas Instruments 5962-8958703XA Datasheet HTML 10Page - Texas Instruments 5962-8958703XA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LM2940QML, LM2940QML-SP
www.ti.com
SNVS389B – MAY 2010 – REVISED MAY 2013
LM2940-5.0 Electrical Characteristics SMD: 5962R8958702 AC Parameters
The following conditions apply, unless otherwise specified.
AC:
VI = 10V, IO = 1A, CO = 22µF
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
Max Line Transient
VO ≤ 6V, RO = 100Ω, t = 20mS
See(1)
40
V
1, 2, 3
Reverse Polarity Input Voltage
t = 20mS, RO = 100Ω
See(1)
-45
V
1, 2, 3
Transient
RR
See(1)
60
dB
4
VIN = 10V, 1VRMS, ƒ = 1KHz,
Ripple Rejection
IOUT = 5mA
See(1)
50
dB
5, 6
NO
VIN = 10V, IOUT = 5mA,
Output Noise Voltage
See(1)
0.0
700
µVRMS
1, 2, 3
10Hz - 100KHz
ZO
VIN = 10V, ƒO = 120Hz
Output Impedance
See(1)
1.0
1, 2, 3
IOUT = 100mA DC and 20mA AC
(1)
Functional test only.
LM2940-5.0 Electrical Characteristics SMD: 5962R8958702 DC Drift Parameters
The following conditions apply, unless otherwise specified.
DC: VI = 10V, IO = 1A, CO = 22µF, “Delta calculations performed on QMLV devices at group B, subgroup 5 only”
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VO
VIN = 10V, IOUT = 5mA
-30
30
mV
1
VIN = 6V, IOUT = 5mA
-30
30
mV
1
VIN = 7V, IOUT = 5mA
-30
30
mV
1
VIN = 26V, IOUT = 5mA
-30
30
mV
1
Output Voltage
VIN = 10V, IOUT = 1A
-30
30
mV
1
VIN = 6V, IOUT = 1A
-30
30
mV
1
VIN = 6V, IOUT = 50mA
-30
30
mV
1
VIN = 10V, IOUT = 50mA
-30
30
mV
1
VRLOAD
Load Regulation
VIN = 10V, 50mA ≤ IOUT ≤ 1A
-20
20
mV
1
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2940QML LM2940QML-SP


Similar Part No. - 5962-8958703XA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results

Similar Description - 5962-8958703XA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
[Old version datasheet]   1A Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com