Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317KTER Datasheet(PDF) 1 Page - Texas Instruments

Part # LM317KTER
Description  3-Terminal Adjustable Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317KTER Datasheet(HTML) 1 Page - Texas Instruments

  LM317KTER Datasheet HTML 1Page - Texas Instruments LM317KTER Datasheet HTML 2Page - Texas Instruments LM317KTER Datasheet HTML 3Page - Texas Instruments LM317KTER Datasheet HTML 4Page - Texas Instruments LM317KTER Datasheet HTML 5Page - Texas Instruments LM317KTER Datasheet HTML 6Page - Texas Instruments LM317KTER Datasheet HTML 7Page - Texas Instruments LM317KTER Datasheet HTML 8Page - Texas Instruments LM317KTER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
R1
240 W
R2
2.4 kW
INPUT
OUTPUT
ADJUST
LM317
VI
RS
0.2 W
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM317
SLVS044W – SEPTEMBER 1997 – REVISED OCTOBER 2014
LM317 3-Terminal Adjustable Regulator
1 Features
3 Description
The LM317 device is an adjustable three-terminal
1
Output Voltage Range Adjustable
positive-voltage regulator capable of supplying more
From 1.25 V to 37 V
than 1.5 A over an output-voltage range of 1.25 V to
Output Current Greater Than 1.5 A
37 V. It requires only two external resistors to set the
Internal Short-Circuit Current Limiting
output voltage. The device features a typical line
regulation of 0.01% and typical load regulation of
Thermal Overload Protection
0.1%. It includes current limiting, thermal overload
Output Safe-Area Compensation
protection,
and
safe
operating
area
protection.
Overload protection remains functional even if the
2 Applications
ADJUST terminal is disconnected.
ATCA Solutions
Device Information(1)
DLP: 3D Biometrics, Hyperspectral Imaging,
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
Optical Networking, and Spectroscopy
SOT (4)
6.50 mm × 3.50 mm
DVR and DVS
TO-220 (3)
10.16 mm × 8.70 mm
Desktop PC
LM317
TO-220 (3)
10.16 mm × 8.59 mm
Digital Signage and Still Camera
TO-263 (3)
10.18 mm × 8.41 mm
ECG Electrocardiogram
(1) For all available packages, see the orderable addendum at
EV HEV Charger: Level 1, 2, and 3
the end of the data sheet.
Electronic Shelf Label
4 Battery-Charger Circuit
Energy Harvesting
Ethernet Switch
Femto Base Station
Fingerprint and Iris Biometrics
HVAC: Heating, Ventilating, and Air Conditioning
High-Speed Data Acquisition and Generation
Hydraulic Valve
IP Phone: Wired and Wireless
Infusion Pump
Intelligent Occupancy Sensing
Motor Control: Brushed DC, Brushless DC, Low-
Voltage, Permanent Magnet, and Stepper Motor
Point-to-Point Microwave Backhaul
Power Bank Solutions
Power Line Communication Modem
Power Over Ethernet (PoE)
Power Quality Meter
Power Substation Control
Private Branch Exchange (PBX)
Programmable Logic Controller
RFID Reader
Refrigerator
Signal or Waveform Generator
Software Defined Radio (SDR)
Washing Machine: High-End and Low-End
X-ray: Baggage Scanner, Medical, and Dental
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM317KTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317KTER TI-LM317KTER Datasheet
154Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317KTER TI-LM317KTER Datasheet
743Kb / 22P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - LM317KTER

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com