Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2907MX Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2907MX
Description  Frequency to Voltage Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2907MX Datasheet(HTML) 4 Page - Texas Instruments

  LM2907MX Datasheet HTML 1Page - Texas Instruments LM2907MX Datasheet HTML 2Page - Texas Instruments LM2907MX Datasheet HTML 3Page - Texas Instruments LM2907MX Datasheet HTML 4Page - Texas Instruments LM2907MX Datasheet HTML 5Page - Texas Instruments LM2907MX Datasheet HTML 6Page - Texas Instruments LM2907MX Datasheet HTML 7Page - Texas Instruments LM2907MX Datasheet HTML 8Page - Texas Instruments LM2907MX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LM2907-N, LM2917-N
SNAS555C – JUNE 2000 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VCC = 12 VDC, TA = 25°C, see test circuit
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Voltage Gain
200
V/mV
Output Sink Current
VC = 1.0
40
50
mA
Output Source Current
VE = VCC −2.0
10
mA
Saturation Voltage
ISINK = 5 mA
0.1
0.5
V
ISINK = 20 mA
1.0
V
ISINK = 50 mA
1.0
1.5
V
ZENER REGULATOR
Regulator Voltage
RDROP = 470Ω
7.56
V
Series Resistance
10.5
15
Ω
Temperature Stability
+1
mV/°C
Total Supply Current
3.8
6
mA
TEST CIRCUIT AND WAVEFORM
Figure 5.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2907-N LM2917-N


Similar Part No. - LM2907MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2907MX TI1-LM2907MX Datasheet
535Kb / 24P
[Old version datasheet]   LM2907/LM2917 Frequency to Voltage Converter
LM2907MX TI-LM2907MX Datasheet
2Mb / 32P
[Old version datasheet]   LM2907/LM2917 Frequency to Voltage Converter
LM2907MX-8 TI1-LM2907MX-8 Datasheet
535Kb / 24P
[Old version datasheet]   LM2907/LM2917 Frequency to Voltage Converter
LM2907MX-8 TI-LM2907MX-8 Datasheet
2Mb / 32P
[Old version datasheet]   LM2907/LM2917 Frequency to Voltage Converter
logo
National Semiconductor ...
LM2907MX-8EP NSC-LM2907MX-8EP Datasheet
712Kb / 21P
   Enhanced Plastic Frequency to Voltage Converter
More results

Similar Description - LM2907MX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. C
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
ADVFC32KNZ AD-ADVFC32KNZ Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com