Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2903DGKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2903DGKR
Description  Dual Differential Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2903DGKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2903DGKR Datasheet HTML 5Page - Texas Instruments LM2903DGKR Datasheet HTML 6Page - Texas Instruments LM2903DGKR Datasheet HTML 7Page - Texas Instruments LM2903DGKR Datasheet HTML 8Page - Texas Instruments LM2903DGKR Datasheet HTML 9Page - Texas Instruments LM2903DGKR Datasheet HTML 10Page - Texas Instruments LM2903DGKR Datasheet HTML 11Page - Texas Instruments LM2903DGKR Datasheet HTML 12Page - Texas Instruments LM2903DGKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
80- A
µ
Current Regulator
80 µA
60 µA
10 µA
VCC
10 µA
OUT
GND
IN+
IN−
Epi-FET
Diodes
Resistors
Transistors
COMPONENT COUNT
1
2
2
30
LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
www.ti.com
SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015
7 Detailed Description
7.1 Overview
The LM2903 is a dual comparator with the ability to operate up to 36 V on the supply pin. This standard device
has proven ubiquity and versatility across a wide range of applications. This is due to very wide supply voltages
range (2 V to 36 V), low Iq and fast response of the devices.
The open-drain output allows the user to configure the output's logic low voltage (VOL) and can be used to enable
the comparator to be used in AND functionality.
7.2 Functional Block Diagram
Figure 6. Schematic (Each Comparator)
7.3 Feature Description
LM2903 consists of a PNP darlington pair input, allowing the device to operate with very high gain and fast
response with minimal input bias current. The input Darlington pair creates a limit on the input common mode
voltage capability, allowing LM2903 to accurately function from ground to VCC–1.5V differential input. This is
enables much head room for modern day supplies of 3.3 V and 5 V.
The output consists of an open drain NPN (pull-down or low side) transistor. The output NPN will sink current
when the positive input voltage is higher than the negative input voltage and the offset voltage. The VOL is
resistive and will scale with the output current. See Figure 3 for VOL values with respect to the output current.
7.4 Device Functional Modes
7.4.1 Voltage Comparison
The LM2903 operates solely as a voltage comparator, comparing the differential voltage between the positive
and negative pins and outputting a logic low or high impedance (logic high with pullup) based on the input
differential polarity.
Copyright © 1979–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V


Similar Part No. - LM2903DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2903DGKR TI-LM2903DGKR Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903DGKR TI-LM2903DGKR Datasheet
458Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Rohm
LM2903DGKR ROHM-LM2903DGKR Datasheet
463Kb / 18P
   TROPHY SERIES Comparators
logo
Texas Instruments
LM2903DGKR TI1-LM2903DGKR Datasheet
1Mb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903DGKR TI-LM2903DGKR Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - LM2903DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com