Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX191AMRG Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX191AMRG
Description  Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX191AMRG Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX191AMRG Datasheet HTML 1Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 2Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 3Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 4Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 5Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 6Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 7Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 8Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Low-Power, 12-Bit Sampling ADC
with Internal Reference and Power-Down
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 5V ±5%, VSS = 0V or -5V ±5%, fCLK = 1.6MHz, 50% duty cycle, AIN- = AGND, BIP = 0V, slow-memory mode, internal-reference
mode, reference compensation mode—external, synchronous operation, Figure 6, TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to DGND............................................................-0.3V to +7V
VSS to AGND ............................................................-7V to +0.3V
VDD to VSS ..............................................................................12V
AGND, VREF, REFADJ to DGND................-0.3V to (VDD + 0.3V)
AIN+, AIN-, PD to VSS.................................-0.3V to (VDD + 0.3V)
CS, RD, CLK, BIP, HBEN, PAR, to DGND....-0.3V to (V
DD + 0.3V)
BUSY, D0–D7 to DGND..............................-0.3V to (V
DD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
Narrow Plastic DIP (derate 13.33mW/°C above +70°C)....1067mW
Wide SO (derate 11.76mW/°C above +70°C) ......................941mW
Narrow CERDIP (derate 12.50mW/°C above +70°C) ........1000mW
Operating Temperature Ranges
MAX191_C_ _ ................................................................0°C to +70°C
MAX191_E_ _ .............................................................-40°C to +85°C
MAX191_M_ _ ..........................................................-55°C to +125°C
Storage Temperature Range.....................................-65°C to +160°C
Lead Temperature (soldering, 10sec).....................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Offset Error
MAX191B
±2
LSB
MAX191A
±1
Differential Nonlinearity
No missing codes over temperature
±1
LSB
Integral Nonlinearity
MAX191B
±1
LSB
MAX191A
±2
Gain Error (Note 3)
MAX191B
±3
LSB
Resolution
12
Bits
MAX191A
±1/2
Gain-Error Tempco (Note 4)
Excludes internal-reference drift
±0.2
ppm/°C
1kHz input signal, TA = +25°C
70
dB
1kHz input signal, TA = +25°C
-80
dB
Spurious-Free Dynamic Range
1kHz input signal, TA = +25°C
80
dB
Synchronous CLK (12 to 13 CLKs)
Conversion Time (Note 5)
Internal CLK, CL = 120pF
6
12
18
µs
Track/Hold Acquisition Time
2
µs
Aperture Delay
25
ns
Aperture Jitter
50
ps
0.1
1.6
MHz
Signal-to-Noise plus Distortion
Ratio
Total Harmonic Distortion
(up to the 5th Harmonic)
External Clock Frequency
Range (Note 6)
SYMBOL
DNL
INL
SINAD
SFDR
THD
tCONV
fCLK
7.50
8.125
DC ACCURACY (Note 2)
DYNAMIC ACCURACY (sample rate = 100kHz, VIN = 4Vp-p)
CONVERSION RATE


Similar Part No. - MAX191AMRG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX191AMRG MAXIM-MAX191AMRG Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
More results

Similar Description - MAX191AMRG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
MAX1422 MAXIM-MAX1422 Datasheet
727Kb / 15P
   12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference
Rev 1; 5/04
MAX1421 MAXIM-MAX1421_V01 Datasheet
571Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
logo
Texas Instruments
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com