Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA561 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA561
Description  High-Current, High-Speed OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA561 Datasheet(HTML) 1 Page - Texas Instruments

  OPA561 Datasheet HTML 1Page - Texas Instruments OPA561 Datasheet HTML 2Page - Texas Instruments OPA561 Datasheet HTML 3Page - Texas Instruments OPA561 Datasheet HTML 4Page - Texas Instruments OPA561 Datasheet HTML 5Page - Texas Instruments OPA561 Datasheet HTML 6Page - Texas Instruments OPA561 Datasheet HTML 7Page - Texas Instruments OPA561 Datasheet HTML 8Page - Texas Instruments OPA561 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FEATURES
D 1.2A OUTPUT CURRENT
D 12Vp-p OUTPUT VOLTAGE
D WIDE POWER RANGE:
− Single Supply: +7V to +15V
− Dual Supply:
±3.5V to ±7.5V
D FULLY PROTECTED:
− Thermal Shutdown
− Adjustable Current Limit
D OUTPUT DISABLE CONTROL
D 17MHz GAIN-BANDWIDTH PRODUCT
D 50V/µs SLEW RATE
D 1MHz FULL-POWER BANDWIDTH
D THERMALLY ENHANCED HTSSOP-20
PowerPAD PACKAGE
APPLICATIONS
D POWER-LINE COMMUNICATIONS
D VALVE-ACCUATOR DRIVERS
D POWER SUPPLIES
D TEST EQUIPMENT
D TEC DRIVERS
D LASER DIODE DRIVERS
NOTE: Pins 1, 10, and 11-20 are not connected.
PowerPAD must be connected to V−.
DESCRIPTION
The OPA561 is a low-cost, high-current operational
amplifier capable of driving up to 1.2A pulses into reactive
loads. This monolithic integrated circuit provides high
reliability in demanding line-carrier communications, laser
diode drivers, and motor control applications. The high
slew rate provides 1MHz full-power bandwidth and
excellent linearity.
The OPA561 operates from either a single supply in the
range of 7V to 15V or dual power supplies of
±3.5V to
±7.5V for design flexibility. In single-supply operation, the
input common-mode range extends below ground. At
maximum output current, a wide output swing provides a
12Vp-p capability with a nominal 15V supply.
The OPA561 is internally protected against over-
temperature conditions and current overloads. In addition,
the OPA561 is designed to provide an accurate, user-
selected, current limit. The current limit can be adjusted
from 0.2A to 1.2A with a low-power resistor/potentiometer
or DAC (Digital-to-Analog Converter). The high-speed
characteristics of the current control loop provide accuracy
even under pulsed load conditions.
The Enable/Status (E/S) pin performs two functions: it can
be monitored to determine if the device is in thermal
shutdown (active LOW), and it can also be forced LOW to
disable the output, disconnecting the load.
The OPA561 is available in the miniature, HTSSOP-20
PowerPAD
 power package. This surface-mount pack-
age is thermally enhanced and has a very low thermal
resistance. Operation is specified over the extended
industrial temperature range, −40
_C to +125_C.
OPA561
SBOS206D − DECEMBER 2001 − REVISED OCTOBER 2004
High-Current, High-Speed
OPERATIONAL AMPLIFIER
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2001-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas instruments Incorporated. All other trademarks are the property of their respective owners.


Similar Part No. - OPA561

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA561 TI1-OPA561 Datasheet
806Kb / 17P
[Old version datasheet]   High-Current, High-Speed OPERATIONAL AMPLIFIER
logo
KODENSHI_AUK CORP.
OPA5614 KODENSHI-OPA5614 Datasheet
101Kb / 1P
   Yellow Green LED Chip
OPA5615H KODENSHI-OPA5615H Datasheet
95Kb / 1P
   Yellow Green LED Chip
OPA5615N KODENSHI-OPA5615N Datasheet
95Kb / 1P
   Yellow Green LED Chip
OPA5616H KODENSHI-OPA5616H Datasheet
101Kb / 1P
   Yellow Green LED Chip
More results

Similar Description - OPA561

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA561 TI1-OPA561_16 Datasheet
806Kb / 17P
[Old version datasheet]   High-Current, High-Speed OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
   High Speed Current Feedback Operational Amplifier
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
   High-Speed, Current Feedback Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
OPA603 TI1-OPA603 Datasheet
194Kb / 13P
[Old version datasheet]   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Burr-Brown (TI)
OPA603 BURR-BROWN-OPA603 Datasheet
262Kb / 12P
   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com