Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA561PWP Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA561PWP
Description  High-Current, High-Speed OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA561PWP Datasheet(HTML) 4 Page - Texas Instruments

  OPA561PWP Datasheet HTML 1Page - Texas Instruments OPA561PWP Datasheet HTML 2Page - Texas Instruments OPA561PWP Datasheet HTML 3Page - Texas Instruments OPA561PWP Datasheet HTML 4Page - Texas Instruments OPA561PWP Datasheet HTML 5Page - Texas Instruments OPA561PWP Datasheet HTML 6Page - Texas Instruments OPA561PWP Datasheet HTML 7Page - Texas Instruments OPA561PWP Datasheet HTML 8Page - Texas Instruments OPA561PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OPA561
SBOS206D − DECEMBER 2001 − REVISED OCTOBER 2004
www.ti.com
4
TYPICAL CHARACTERISTICS
At TCASE = +25°C, VS = 15V, and E/S enabled, unless otherwise noted.


Similar Part No. - OPA561PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA561PWP TI1-OPA561PWP Datasheet
806Kb / 17P
[Old version datasheet]   High-Current, High-Speed OPERATIONAL AMPLIFIER
OPA561PWP/2K TI1-OPA561PWP/2K Datasheet
806Kb / 17P
[Old version datasheet]   High-Current, High-Speed OPERATIONAL AMPLIFIER
OPA561PWP/2KG4 TI1-OPA561PWP/2KG4 Datasheet
806Kb / 17P
[Old version datasheet]   High-Current, High-Speed OPERATIONAL AMPLIFIER
OPA561PWPG4 TI1-OPA561PWPG4 Datasheet
806Kb / 17P
[Old version datasheet]   High-Current, High-Speed OPERATIONAL AMPLIFIER
More results

Similar Description - OPA561PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA561 TI1-OPA561_16 Datasheet
806Kb / 17P
[Old version datasheet]   High-Current, High-Speed OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
   High Speed Current Feedback Operational Amplifier
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
   High-Speed, Current Feedback Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
OPA603 TI1-OPA603 Datasheet
194Kb / 13P
[Old version datasheet]   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Burr-Brown (TI)
OPA603 BURR-BROWN-OPA603 Datasheet
262Kb / 12P
   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com