Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ55LBC174FK Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ55LBC174FK
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ55LBC174FK Datasheet(HTML) 9 Page - Texas Instruments

Back Button SNJ55LBC174FK Datasheet HTML 5Page - Texas Instruments SNJ55LBC174FK Datasheet HTML 6Page - Texas Instruments SNJ55LBC174FK Datasheet HTML 7Page - Texas Instruments SNJ55LBC174FK Datasheet HTML 8Page - Texas Instruments SNJ55LBC174FK Datasheet HTML 9Page - Texas Instruments SNJ55LBC174FK Datasheet HTML 10Page - Texas Instruments SNJ55LBC174FK Datasheet HTML 11Page - Texas Instruments SNJ55LBC174FK Datasheet HTML 12Page - Texas Instruments SNJ55LBC174FK Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
25-Sep-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
5962-9076504Q2A
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
5962-
9076504Q2A
SNJ55
LBC174FK
5962-9076504QEA
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
5962-9076504QE
A
SNJ55LBC174J
5962-9076504QFA
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
5962-9076504QF
A
SNJ55LBC174W
SN55LBC174J
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
SN55LBC174J
SNJ55LBC174FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
-55 to 125
5962-
9076504Q2A
SNJ55
LBC174FK
SNJ55LBC174J
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
5962-9076504QE
A
SNJ55LBC174J
SNJ55LBC174W
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
5962-9076504QF
A
SNJ55LBC174W
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.


Similar Part No. - SNJ55LBC174FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55LBC172FK TI-SNJ55LBC172FK Datasheet
392Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SNJ55LBC172J TI-SNJ55LBC172J Datasheet
392Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SNJ55LBC172W TI-SNJ55LBC172W Datasheet
392Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SNJ55LBC173 TI-SNJ55LBC173 Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
SNJ55LBC173FK TI-SNJ55LBC173FK Datasheet
137Kb / 8P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL RECEIVER
More results

Similar Description - SNJ55LBC174FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC172 TI-SN55LBC172_07 Datasheet
392Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172 TI-SN55LBC172 Datasheet
177Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI-SN65LBC172 Datasheet
157Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI1-SN65LBC172_16 Datasheet
1Mb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI-SN55LBC174 Datasheet
138Kb / 9P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com