Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65CML100DGKG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65CML100DGKG4
Description  1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65CML100DGKG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65CML100DGKG4 Datasheet HTML 7Page - Texas Instruments SN65CML100DGKG4 Datasheet HTML 8Page - Texas Instruments SN65CML100DGKG4 Datasheet HTML 9Page - Texas Instruments SN65CML100DGKG4 Datasheet HTML 10Page - Texas Instruments SN65CML100DGKG4 Datasheet HTML 11Page - Texas Instruments SN65CML100DGKG4 Datasheet HTML 12Page - Texas Instruments SN65CML100DGKG4 Datasheet HTML 13Page - Texas Instruments SN65CML100DGKG4 Datasheet HTML 14Page - Texas Instruments SN65CML100DGKG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.ti.com
APPLICATION INFORMATION
TYPICAL APPLICATION CIRCUITS (ECL, PECL, LVDS, etc.)
3.3 V or 5 V
SN65CML100
3.3 V
50
50
A
B
50
50
VTT
VTT = VCC -2 V
ECL
3.3 V
SN65CML100
3.3 V
50
50
A
B
CML
VTT
3.3 V
SN65CML100
3.3 V
50
A
B
50
ECL
VBB
VTT
VTT = VCC -2 V
3.3 V or 5 V
SN65CML100
3.3 V
50
50
A
B
100
LVDS
SN65CML100
SLLS547 – NOVEMBER 2002
For single-ended input conditions, the unused differential input is connected to VBB as a switching reference
voltage. When VBB is used, decouple VBB via a 0.01-µF capacitor and limit the current sourcing or sinking to 0.4
mA. When not used, VBB should be left open.
Figure 24. Low-Voltage Positive Emitter-Coupled Logic (LVPECL)
Figure 25. Current-Mode Logic (CML)
Figure 26. Single-Ended (LVPECL)
Figure 27. Low-Voltage Differential Signaling (LVDS)
11
Submit Documentation Feedback


Similar Part No. - SN65CML100DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65CML100DGK TI-SN65CML100DGK Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
More results

Similar Description - SN65CML100DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65CML100 TI-SN65CML100 Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT21 ONSEMI-MC100EPT21_12 Datasheet
132Kb / 9P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
logo
Micrel Semiconductor
SY89325V MICREL-SY89325V Datasheet
514Kb / 7P
   3.3V/5V 1.5Gbps DIFFERENTIAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
logo
Micrel Semiconductor
SY89321L MICREL-SY89321L_08 Datasheet
48Kb / 5P
   3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
logo
Cypress Semiconductor
CY2DM1502 CYPRESS-CY2DM1502 Datasheet
285Kb / 12P
   1:2 CML / LVPECL Input to CML Output Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com