Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD101 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD101
Description  IO-Link PHY for Device Nodes
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD101 Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD101 Datasheet HTML 1Page - Texas Instruments SN65HVD101 Datasheet HTML 2Page - Texas Instruments SN65HVD101 Datasheet HTML 3Page - Texas Instruments SN65HVD101 Datasheet HTML 4Page - Texas Instruments SN65HVD101 Datasheet HTML 5Page - Texas Instruments SN65HVD101 Datasheet HTML 6Page - Texas Instruments SN65HVD101 Datasheet HTML 7Page - Texas Instruments SN65HVD101 Datasheet HTML 8Page - Texas Instruments SN65HVD101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SN65HVD101, SN65HVD102
www.ti.com
SLLSE84B – MAY 2011 – REVISED APRIL 2015
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VL+
Line voltage(1)
9
24
30
V
VCC
Logic supply voltage (3.3V nominal)
3
3.3
3.6
V
VCC
Logic supply voltage (5V nominal)
4.5
5
5.5
V
VIL
Logic low input voltage
0.8
V
VIH
Logic high input voltage
2
V
IO
Logic output current
–4
4
mA
ICC(OUT) Logic supply current (HVD101)
20
mA
IO(LIM)
CQ driver output current limit
100
450
mA
RSET
External resistor for CQ current limit
0
20
k
Ω
CCOMP
Compensation capacitor for voltage regulator (HVD101)
3.3
µF
IO-Link mode
250
1/tBIT
Signaling rate
kbps
SIO mode
10
TA
Ambient temperature
–40
105
°C
TJ
Junction temperature
–40
150
°C
(1)
These devices will operate with line voltage as low as 9V and as high as 36V, however, the parametric performance is optimized for the
IO-Link specified supply voltage range of 18V to 30V.
7.4 Thermal Information
SN65HVD10x
THERMAL METRIC(1)
UNITS
RGB 20 PINS
RθJA
Junction-to-ambient thermal resistance
33.8
RθJC(top)
Junction-to-case (top) thermal resistance
36.6
RθJB
Junction-to-board thermal resistance
10.3
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
10.3
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
over all operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Driver
IIN
Input current (TX, EN)
VIN = 0V to VCC
–100
100
µA
18 < VL+
1.5
3
V
ICQ = –250 mA
VL+ < 18
3.5
V
VRQH
Residual voltage across the driver high side switch
18 < VL+
2
V
ICQ = –200 mA
VL+ < 18
2.5
V
18 < VL+
1.5
3
V
ICQ = 250 mA
VL+ < 18
3.5
V
VRQL
Residual voltage across the driver low side switch
18 < VL+
2
V
ICQ = 200 mA
VL+ < 18
2.5
V
RSET = 20 kΩ
60
95
130
mA
|IO(LIM)|
Driver output current limit
RSET = 0 kΩ
300
400
480
mA
I(OZ)
CQ leakage current with EN = L
VCQ = 8 V
–2
2
µA
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN65HVD101 SN65HVD102


Similar Part No. - SN65HVD101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD101 TI1-SN65HVD101 Datasheet
105Kb / 4P
[Old version datasheet]   IO-LINK PHY for Device Nodes
SN65HVD101 TI-SN65HVD101 Datasheet
920Kb / 23P
[Old version datasheet]   Check for Samples: SN65HVD101, SN65HVD102
SN65HVD101RTJ TI1-SN65HVD101RTJ Datasheet
105Kb / 4P
[Old version datasheet]   IO-LINK PHY for Device Nodes
More results

Similar Description - SN65HVD101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD100 TI1-SN65HVD100 Datasheet
105Kb / 4P
[Old version datasheet]   IO-LINK PHY for Device Nodes
logo
Renesas Technology Corp
CCE4503 RENESAS-CCE4503 Datasheet
485Kb / 17P
   IO-Link Device IC
Jan 25, 2023
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
   IO-Link Device Transceiver
Rev 0; 8/11
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
   IO-Link Device Transceiver
2019
logo
Dialog Semiconductor
CCE4503 DIALOG-CCE4503 Datasheet
530Kb / 17P
   IO-Link Device IC
logo
Maxim Integrated Produc...
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
   IO-Link Device Transceiver
Rev 0; 9/14
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
   IO-Link Device Transceiver
Rev 4; 1/12
MAX14821 MAXIM-MAX14821_12 Datasheet
2Mb / 29P
   IO-Link Device Transceiver
Rev 1; 2/12
logo
Texas Instruments
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
[Old version datasheet]   Phy and OHCI Link Device
TSB83AA22C TI1-TSB83AA22C_16 Datasheet
1Mb / 115P
[Old version datasheet]   PHY and OHCI Link Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com