Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65CML100DRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN65CML100DRG4
Description  1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65CML100DRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN65CML100DRG4 Datasheet HTML 1Page - Texas Instruments SN65CML100DRG4 Datasheet HTML 2Page - Texas Instruments SN65CML100DRG4 Datasheet HTML 3Page - Texas Instruments SN65CML100DRG4 Datasheet HTML 4Page - Texas Instruments SN65CML100DRG4 Datasheet HTML 5Page - Texas Instruments SN65CML100DRG4 Datasheet HTML 6Page - Texas Instruments SN65CML100DRG4 Datasheet HTML 7Page - Texas Instruments SN65CML100DRG4 Datasheet HTML 8Page - Texas Instruments SN65CML100DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
DEVICE CHARACTERISTICS
INPUT ELECTRICAL CHARACTERISTICS
OUTPUT ELECTRICAL CHARACTERISTICS
SN65CML100
SLLS547 – NOVEMBER 2002
PARAMETER
MIN NOM
MAX
UNIT
ICC
Supply current, device only
9
12
mA
VBB
Switching reference voltage(1)
1890
1950
2010
mV
(1)
VBB parameter varies 1:1 with VCC
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Positive-going differential input voltage
VIT+
100
threshold
See Figure 1 and Table 1
mV
Negative-going differential input voltage
VIT-
–100
threshold
VID(HYS) Differential input voltage hysteresis,VIT+ – VIT–
25
mV
VI = 0 V or 2.4 V, Second input at 1.2 V
–20
20
II
Input current (A or B inputs)
µA
VI = 4 V, Second input at 1.2 V
33
VCC = 1.5 V, VI = 0 V or 2.4 V,
–20
20
Second input at 1.2 V
II(OFF)
Power off input current (A or B inputs)
µA
VCC = 1.5 V, VI = 4 V, Second input at 1.2 V
33
IIO
Input offset current (|IIA - IIB|)
VIA = VIB, 0 ≤ VIA ≤ 4 V
–6
6
µA
VI = 0.4 sin (4E6πt) + 0.5 V
3
Ci
Differential input capacitance
pF
VCC = 0 V
3
(1)
All typical values are at 25
°C and with a 3.3-V supply.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VOH
Output high voltage(2)
VTT–60
VTT–10
VTT
mV
RT = 50 Ω, VTT = 3 V to 3.6 V or VTT = 2.5 V ±5%,
VOL
Output low voltage(2)
VTT–1100
VTT–800
VTT–640
mV
See Figure 2
|VOD|
Differential output voltage magnitude
640
780
1000
mV
VOH
Output high voltage(3)
VTT–60
VTT–10
VTT
mV
RT = 25 Ω, VTT = 3 V to 3.6 V or VTT = 2.5 V ±5%,
VOL
Output low voltage(3)
VTT–550
VTT–400
VTT–320
mV
See Figure 2
|VOD|
Differential output voltage magnitude
320
390
500
mV
VOH
Output high voltage(2)
VTT–170
VTT–10
VTT
mV
VOL
Output low voltage(2)
RT = 50 Ω, VTT = 1.8 V ±5%, See Figure 2
VTT–1100
VTT–800
VTT–640
mV
|VOD|
Differential output voltage magnitude
570
780
1000
mV
VOH
Output high voltage(3)
VTT–85
VTT–10
VTT
mV
VOL
Output low voltage(3)
RT = 25 Ω, VTT = 1.8 V ±5%, See Figure 2
VTT–500
VTT–400
VTT–320
mV
|VOD|
Differential output voltage magnitude
285
390
500
mV
VI = 0.4 sin (4E6πt) + 0.5 V
3
Co
Differential output capacitance
pF
VCC = 0 V
3
(1)
All typical values are at 25
°C and with a 3.3-V supply.
(2)
Outputs are terminated through 50-
Ω resistors to V
TT, CML level specifications are referenced to VTT and tracks 1:1 with variation of
VTT.
(3)
Outputs are terminated through 25-
Ω resistors to V
TT; CML level specifications are referenced to VTT and tracks 1:1 with variation of
VTT.
3
Submit Documentation Feedback


Similar Part No. - SN65CML100DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65CML100D TI-SN65CML100D Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
SN65CML100DGK TI-SN65CML100DGK Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
More results

Similar Description - SN65CML100DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65CML100 TI-SN65CML100 Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT21 ONSEMI-MC100EPT21_12 Datasheet
132Kb / 9P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
logo
Micrel Semiconductor
SY89325V MICREL-SY89325V Datasheet
514Kb / 7P
   3.3V/5V 1.5Gbps DIFFERENTIAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
logo
Micrel Semiconductor
SY89321L MICREL-SY89321L_08 Datasheet
48Kb / 5P
   3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
logo
Cypress Semiconductor
CY2DM1502 CYPRESS-CY2DM1502 Datasheet
285Kb / 12P
   1:2 CML / LVPECL Input to CML Output Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com