Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65CML100DRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65CML100DRG4
Description  1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65CML100DRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65CML100DRG4 Datasheet HTML 2Page - Texas Instruments SN65CML100DRG4 Datasheet HTML 3Page - Texas Instruments SN65CML100DRG4 Datasheet HTML 4Page - Texas Instruments SN65CML100DRG4 Datasheet HTML 5Page - Texas Instruments SN65CML100DRG4 Datasheet HTML 6Page - Texas Instruments SN65CML100DRG4 Datasheet HTML 7Page - Texas Instruments SN65CML100DRG4 Datasheet HTML 8Page - Texas Instruments SN65CML100DRG4 Datasheet HTML 9Page - Texas Instruments SN65CML100DRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
1.4 V
1 V
tPLH
0.4 V
0 V
VIA
VIB
VID
80%
100%
0%
tPHL
20%
tf
tr
VOY - VOZ
0 V
Y
Z
A
B
VID
1 pF
VIB
VIA
VOY
-0.4 V
VOZ
RT1
RT2
VTT
RT1 = RT2 = RT
PIN ASSIGNMENTS
VCC
Y
Z
GND
8
7
6
5
1
2
3
4
NC
A
B
VBB
D AND DGK PACKAGE
(TOP VIEW)
SN65CML100
SLLS547 – NOVEMBER 2002
NOTE: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 0.25 ns, pulse repetition rate
(PRR) = 50 Mpps, pulse width = 10
± 0.2 ns. C
L includes instrumentation and fixture capacitance within 0,06 mm of
the D.U.T.Measurement equipment provides a bandwidth of 5 GHz minimum.
Figure 4. Timing Test Circuit and Waveforms
Table 2. PIN DESCRIPTIONS
PIN
FUNCTION
A, B
Differential inputs
Y, Z
Differential outputs
VBB
Reference voltage output
VCC
Power supply
GND
Ground
NC
No connect
Table 3. FUNCTION TABLE
DIFFERENTIAL INPUT
OUTPUTS(1)
VID = VA– VB
Y
Z
VID ≥ 100 mV
H
L
–100 mV < VID < 100 mV
?
?
VID ≤ –100 mV
L
H
Open
?
?
(1)
H = high level, L = low level, ? = intermediate
6
Submit Documentation Feedback


Similar Part No. - SN65CML100DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65CML100D TI-SN65CML100D Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
SN65CML100DGK TI-SN65CML100DGK Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
More results

Similar Description - SN65CML100DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65CML100 TI-SN65CML100 Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT21 ONSEMI-MC100EPT21_12 Datasheet
132Kb / 9P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
logo
Micrel Semiconductor
SY89325V MICREL-SY89325V Datasheet
514Kb / 7P
   3.3V/5V 1.5Gbps DIFFERENTIAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
logo
Micrel Semiconductor
SY89321L MICREL-SY89321L_08 Datasheet
48Kb / 5P
   3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
logo
Cypress Semiconductor
CY2DM1502 CYPRESS-CY2DM1502 Datasheet
285Kb / 12P
   1:2 CML / LVPECL Input to CML Output Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com