Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1040SKGD3 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1040SKGD3
Description  LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD1040SKGD3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD1040SKGD3 Datasheet HTML 4Page - Texas Instruments SN65HVD1040SKGD3 Datasheet HTML 5Page - Texas Instruments SN65HVD1040SKGD3 Datasheet HTML 6Page - Texas Instruments SN65HVD1040SKGD3 Datasheet HTML 7Page - Texas Instruments SN65HVD1040SKGD3 Datasheet HTML 8Page - Texas Instruments SN65HVD1040SKGD3 Datasheet HTML 9Page - Texas Instruments SN65HVD1040SKGD3 Datasheet HTML 10Page - Texas Instruments SN65HVD1040SKGD3 Datasheet HTML 11Page - Texas Instruments SN65HVD1040SKGD3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SN65HVD1040-HT
SLLSEA6D – DECEMBER 2011 – REVISED AUGUST 2012
www.ti.com
RECEIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
TJ = -55°C to 125°C
TJ = -55°C to 175°C
TJ = -55°C to 210°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Positive-
going input
VIT+
800
900
800
900
800
900
threshold
voltage
STB at 0 V, See Table 3
Negative-
High-speed
going input
VIT–
mode
500
650
500
650
500
650
threshold
mV
voltage
Hysteresis
Vhys
voltage
STB at VCC
100
125
70
125
70
125
(VIT+ – VIT–)
Input
Standby
VIT
threshold
STB at VCC
500
1150
500
1300
400
1350
mode
voltage
VOH
High-level output voltage
IO = –2 mA, See Figure 7
4
4.6
4
4.6
4
4.6
V
VOL
Low-level output voltage
IO = 2 mA, See Figure 7
0.2
0.4
0.2
0.5
0.2
0.55
V
CANH or CANL = 5 V, VCC at 0
II(off)
Power-off bus input current
5
15
30
μA
V, TXD at 0 V
Power-off RXD leakage
IO(off)
VCC at 0 V, RXD at 5 V
20
30
30
μA
current
Input capacitance to ground,
TXD at 3 V, VI = 0.4 sin (4E6πt)
CI
20
20
20
pF
(CANH or CANL)
+ 2.5 V
CID
Differential input capacitance
TXD at 3 V, VI = 0.4 sin (4E6πt)
10
10
10
pF
RID
Differential input resistance
TXD at 3 V, STD at 0 V
30
80
30
80
30
80
k
Input resistance, (CANH or
RIN
TXD at 3 V, STD at 0 V
15
30
40
15
30
40
15
30
40
CANL)
Input resistance matching
RI(m)
[1 – (RIN (CANH) / RIN (CANL))] x
VCANH = VCANL
–3%
0%
3%
–5%
0%
5%
–12%
0%
12%
100%
RECEIVER SWITCHING CHARACTERISTICS
over recommended operating conditiions (unless otherwise noted)
TJ = -55°C to 125°C
TJ = -55°C to 175°C
TJ = -55°C to 210°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
tpLH
Propagation delay time, low-
60
100
130
60
100
200
60
100
200
to-high-level output
tpHL
Propagation delay time, high-
STB at 0 V, TXD at 3 V, See
45
70
130
45
70
200
45
70
200
ns
to-low-level output
Figure 7
tr
Output signal rise time
8
8
8
tf
Output signal fall time
8
8
8
tBUS
Dominant time required on
bus for wake-up from
STB at VCC Figure 12
0.7
5
1.0
5.1
1.45
5.25
μs
standby(1)
(1)
The device under test shall not signal a wake-up condition with dominant pulses shorter than tBUS (min) and shall signal a wake-up
condition with dominant pulses longer than tBUS (max). Dominant pulses with a length between tBUS (min) and tBUS (max) may lead to a
wake-up.
SPLIT-PIN CHARACTERISTICS
over recommended operating conditiions (unless otherwise noted)
TJ = -55°C to 125°C
TJ = -55°C to 175°C
TJ = -55°C to 210°C
TEST
PARAMETER
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VO
Output voltage
–500
μA < IO <
0.28×VC
0.5×VC
0.3×VCC
0.5×VCC
0.7×VCC
0.28×VCC
0.5×VCC
0.7×VCC
0.7×VCC
V
500
μA
C
C
IO(st
Standby mode leakage
STB at 2 V,
b)
current
–12 V
≤ VO ≤ 12
–5
5
–7
7
–15
15
μA
V
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: SN65HVD1040-HT


Similar Part No. - SN65HVD1040SKGD3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040 TI-SN65HVD1040 Datasheet
551Kb / 23P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
More results

Similar Description - SN65HVD1040SKGD3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040 TI-SN65HVD1040 Datasheet
551Kb / 23P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
logo
Infineon Technologies A...
TLE6251D INFINEON-TLE6251D_16 Datasheet
773Kb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.1 2016-06-06
TLE6251DS INFINEON-TLE6251DS Datasheet
571Kb / 22P
   High Speed CAN-Transceiver with Bus wake-up
Rev. 3.1, Aug. 2007
TLE8251V INFINEON-TLE8251V Datasheet
1Mb / 35P
   High Speed CAN Transceiver with Bus Wake-up
Rev. 1.0 2016-07-15
TLE7251V INFINEON-TLE7251V_15 Datasheet
2Mb / 36P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2015-09-10
TLE6251D INFINEON-TLE6251D_12 Datasheet
1Mb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2012-07-27
IFX1040 INFINEON-IFX1040 Datasheet
1Mb / 20P
   High Speed CAN-Transceiver with Stand-By Mode and Bus wake-up
Rev. 1.0, 2011-11-4
TLE6251G INFINEON-TLE6251G Datasheet
342Kb / 31P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.2, Apr. 2006
TLE6251G INFINEON-TLE6251G_08 Datasheet
1Mb / 32P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.3, June 2008
logo
ON Semiconductor
NCV7343 ONSEMI-NCV7343 Datasheet
246Kb / 23P
   CAN FD Transceiver, Low Power, with INH, WAKE and Error Detection
February, 2021 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com