Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1040SHKQ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1040SHKQ
Description  LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD1040SHKQ Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD1040SHKQ Datasheet HTML 1Page - Texas Instruments SN65HVD1040SHKQ Datasheet HTML 2Page - Texas Instruments SN65HVD1040SHKQ Datasheet HTML 3Page - Texas Instruments SN65HVD1040SHKQ Datasheet HTML 4Page - Texas Instruments SN65HVD1040SHKQ Datasheet HTML 5Page - Texas Instruments SN65HVD1040SHKQ Datasheet HTML 6Page - Texas Instruments SN65HVD1040SHKQ Datasheet HTML 7Page - Texas Instruments SN65HVD1040SHKQ Datasheet HTML 8Page - Texas Instruments SN65HVD1040SHKQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SN65HVD1040-HT
www.ti.com
SLLSEA6D – DECEMBER 2011 – REVISED AUGUST 2012
RECOMMENDED OPERATING CONDITIONS
TJ = -55°C to 125°C
TJ = -55°C to 175°C
TJ = -55°C to 210°C
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
4.75
5.25
4.75
5.25
4.75
5.25
V
VI or
Voltage at any bus terminal (separately
–12(1)
12
–12(1)
12
–12(1)
12
V
VIC
or common mode)
High-level input
VIH
2
5.25
2
5.25
2
5.25
V
voltage
TXD, STB
Low-level input
VIL
0
0.8
0
0.8
0
0.8
V
voltage
VID
Differential input voltage
–6
6
–6
6
–6
6
V
Driver
–70
–70
–70
High-level output
IOH
mA
current
Receiver
–2
–2
–2
Driver
70
70
70
Low-level output
IOL
mA
current
Receiver
2
2
2
Maximum pulse width to remain in
tSS
0.7
0.7
0.7
μs
standby
TJ
Junction temperature
–55
125
–55
175
–55
210
°C
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
SUPPLY CURRRENT
over operating free-air temperature range (unless otherwise noted)
TJ = -55°C to 125°C
TJ = -55°C to 175°C
TJ = -55°C to 210°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Domina
VI = 0 V, 60 Ω Load,
50
70
50
70
50
70
nt
STB at 0 V
mA
Supply
Recessi VI = VCC, STB at 0 V
6
10
6
10
6
10
ICC
current,
ve
VCC
Standby STB at VCC, VI =
5
12
5
20
5
50
μA
VCC
DEVICE SWITCHING CHARACTERISTICS
over recommended operating conditiions (unless otherwise noted)
TJ = -55°C to 125°C
TJ = -55°C to 175°C
TJ = -55°C to 210°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
tloop Total loop delay,
1
driver input to
receiver output,
90
230
90
325
90
450
Recessive to
Dominant
STB at 0 V,
ns
See Figure 10
tloop Total loop delay,
2
driver input to
receiver output,
90
230
90
325
90
450
Dominant to
Recessive
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN65HVD1040-HT


Similar Part No. - SN65HVD1040SHKQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040 TI-SN65HVD1040 Datasheet
551Kb / 23P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
More results

Similar Description - SN65HVD1040SHKQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040 TI-SN65HVD1040 Datasheet
551Kb / 23P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
logo
Infineon Technologies A...
TLE6251D INFINEON-TLE6251D_16 Datasheet
773Kb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.1 2016-06-06
TLE6251DS INFINEON-TLE6251DS Datasheet
571Kb / 22P
   High Speed CAN-Transceiver with Bus wake-up
Rev. 3.1, Aug. 2007
TLE8251V INFINEON-TLE8251V Datasheet
1Mb / 35P
   High Speed CAN Transceiver with Bus Wake-up
Rev. 1.0 2016-07-15
TLE7251V INFINEON-TLE7251V_15 Datasheet
2Mb / 36P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2015-09-10
TLE6251D INFINEON-TLE6251D_12 Datasheet
1Mb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2012-07-27
IFX1040 INFINEON-IFX1040 Datasheet
1Mb / 20P
   High Speed CAN-Transceiver with Stand-By Mode and Bus wake-up
Rev. 1.0, 2011-11-4
TLE6251G INFINEON-TLE6251G Datasheet
342Kb / 31P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.2, Apr. 2006
TLE6251G INFINEON-TLE6251G_08 Datasheet
1Mb / 32P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.3, June 2008
logo
ON Semiconductor
NCV7343 ONSEMI-NCV7343 Datasheet
246Kb / 23P
   CAN FD Transceiver, Low Power, with INH, WAKE and Error Detection
February, 2021 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com