Electronic Components Datasheet Search |
|
SN65HVD1470DGS Datasheet(PDF) 8 Page - Texas Instruments |
|
|
SN65HVD1470DGS Datasheet(HTML) 8 Page - Texas Instruments |
8 / 42 page SN65HVD1470, SN65HVD1471, SN65HVD1473 SN65HVD1474, SN65HVD1476, SN65HVD1477 SLLSEJ8D – JUNE 2014 – REVISED OCTOBER 2014 www.ti.com 7.6 Power Dissipation PARAMETER TEST CONDITIONS VALUE UNIT HVD1470, 150 HVD1471 RL = 300 Ω, HVD1473, 180 Unterminated mW CL = 50 pF (driver) HVD1474 HVD1476, 220 HVD1477 Power Dissipation HVD1470, 190 driver and receiver enabled, HVD1471 VCC = 3.6 V, TJ = 150°C 50% duty cycle square-wave signal at RL = 100 Ω, HVD1473, 220 PD RS-422 load mW signaling rate: CL = 50 pF (driver) HVD1474 • HVD1470 and HVD1471 at 400 kbps HVD1476, 250 • HVD1473 and HVD1474 at 20 Mbps HVD1477 • HVD1476 and HVD1477 at 50 Mbps HVD1470, 230 HVD1471 RL = 54 Ω, HVD1473, 255 RS-485 load mW CL = 50 pF (driver) HVD1474 HVD1476, 285 HVD1477 7.7 Electrical Characteristics over recommended operating range (unless otherwise specified) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT RL = 60 Ω, 375 Ω on each 1.5 2 V output to –7 V to 12 V, See Figure 15 |VOD| Driver differential output voltage magnitude RL = 54 Ω (RS-485), See Figure 16 1.5 2 V RL = 100 Ω (RS-422) TJ ≥ 0°C, 2 V VCC ≥ 3.2 V, See Figure 16 Δ|VOD| Change in magnitude of driver differential output voltage RL = 54 Ω, CL = 50 pF, See Figure 16 –50 0 50 mV VOC(SS) Steady-state common-mode output voltage 1 VCC / 2 3 V Center of two 27- Ω load resistors, ΔVOC Change in differential driver output common-mode voltage –50 0 50 mV See Figure 16 VOC(PP) Peak-to-peak driver common-mode output voltage 500 mV COD Differential output capacitance 15 pF VIT+ Positive-going receiver differential input voltage threshold See (1) -70 –20 mV VIT– Negative-going receiver differential input voltage threshold –200 -140 See (1) mV Receiver differential input voltage threshold hysteresis Vhys 40 70 mV (VIT+ – VIT–) VOH Receiver high-level output voltage IOH = –8 mA 2.4 VCC–0.3 V VOL Receiver low-level output voltage IOL = 8 mA 0.2 0.4 V II Driver input, driver enable, and receiver enable input current –3 3 µA Receiver output high-impedance HVD1470, HVD1473, IOZ VO = 0 V or VCC, RE = VCC –1 1 µA current HVD1476 IOS Driver short-circuit output current –150 150 mA VI = 12 V 75 125 HVD1470, HVD1473 VI = –7 V –100 –40 VCC = 0 to ROC (max), II Bus input current (disabled driver) µA DE = GND VI = 12 V 240 333 HVD1476 VI = –7 V –267 –180 (1) Under any specific conditions, VIT+ is assured to be at least Vhys higher than VIT–. 8 Submit Documentation Feedback Copyright © 2014, Texas Instruments Incorporated Product Folder Links: SN65HVD1470 SN65HVD1471 SN65HVD1473 SN65HVD1474 SN65HVD1476 SN65HVD1477 |
Similar Part No. - SN65HVD1470DGS |
|
Similar Description - SN65HVD1470DGS |