Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1476DGS Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1476DGS
Description  3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD1476DGS Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD1476DGS Datasheet HTML 4Page - Texas Instruments SN65HVD1476DGS Datasheet HTML 5Page - Texas Instruments SN65HVD1476DGS Datasheet HTML 6Page - Texas Instruments SN65HVD1476DGS Datasheet HTML 7Page - Texas Instruments SN65HVD1476DGS Datasheet HTML 8Page - Texas Instruments SN65HVD1476DGS Datasheet HTML 9Page - Texas Instruments SN65HVD1476DGS Datasheet HTML 10Page - Texas Instruments SN65HVD1476DGS Datasheet HTML 11Page - Texas Instruments SN65HVD1476DGS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
SN65HVD1470, SN65HVD1471, SN65HVD1473
SN65HVD1474, SN65HVD1476, SN65HVD1477
SLLSEJ8D – JUNE 2014 – REVISED OCTOBER 2014
www.ti.com
7.6 Power Dissipation
PARAMETER
TEST CONDITIONS
VALUE
UNIT
HVD1470,
150
HVD1471
RL = 300 Ω,
HVD1473,
180
Unterminated
mW
CL = 50 pF (driver)
HVD1474
HVD1476,
220
HVD1477
Power Dissipation
HVD1470,
190
driver and receiver enabled,
HVD1471
VCC = 3.6 V, TJ = 150°C
50% duty cycle square-wave signal at
RL = 100 Ω,
HVD1473,
220
PD
RS-422 load
mW
signaling rate:
CL = 50 pF (driver)
HVD1474
HVD1470 and HVD1471 at 400 kbps
HVD1476,
250
HVD1473 and HVD1474 at 20 Mbps
HVD1477
HVD1476 and HVD1477 at 50 Mbps
HVD1470,
230
HVD1471
RL = 54 Ω,
HVD1473,
255
RS-485 load
mW
CL = 50 pF (driver)
HVD1474
HVD1476,
285
HVD1477
7.7 Electrical Characteristics
over recommended operating range (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 60 Ω, 375 Ω on each
1.5
2
V
output to –7 V to 12 V, See Figure 15
|VOD|
Driver differential output voltage magnitude
RL = 54 Ω (RS-485), See Figure 16
1.5
2
V
RL = 100 Ω (RS-422) TJ ≥ 0°C,
2
V
VCC ≥ 3.2 V, See Figure 16
Δ|VOD|
Change in magnitude of driver differential output voltage
RL = 54 Ω, CL = 50 pF, See Figure 16
–50
0
50
mV
VOC(SS)
Steady-state common-mode output voltage
1
VCC / 2
3
V
Center of two 27-
Ω load resistors,
ΔVOC
Change in differential driver output common-mode voltage
–50
0
50
mV
See Figure 16
VOC(PP)
Peak-to-peak driver common-mode output voltage
500
mV
COD
Differential output capacitance
15
pF
VIT+
Positive-going receiver differential input voltage threshold
See (1)
-70
–20
mV
VIT–
Negative-going receiver differential input voltage threshold
–200
-140
See (1)
mV
Receiver differential input voltage threshold hysteresis
Vhys
40
70
mV
(VIT+ – VIT–)
VOH
Receiver high-level output voltage
IOH = –8 mA
2.4
VCC–0.3
V
VOL
Receiver low-level output voltage
IOL = 8 mA
0.2
0.4
V
II
Driver input, driver enable, and receiver enable input current
–3
3
µA
Receiver output high-impedance
HVD1470, HVD1473,
IOZ
VO = 0 V or VCC, RE = VCC
–1
1
µA
current
HVD1476
IOS
Driver short-circuit output current
–150
150
mA
VI = 12 V
75
125
HVD1470,
HVD1473
VI = –7 V
–100
–40
VCC = 0 to ROC (max),
II
Bus input current (disabled driver)
µA
DE = GND
VI = 12 V
240
333
HVD1476
VI = –7 V
–267
–180
(1)
Under any specific conditions, VIT+ is assured to be at least Vhys higher than VIT–.
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: SN65HVD1470 SN65HVD1471 SN65HVD1473 SN65HVD1474 SN65HVD1476 SN65HVD1477


Similar Part No. - SN65HVD1476DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI1-SN65HVD10 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD1476DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
logo
Analog Devices
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
logo
Texas Instruments
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com