Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1476DGS Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1476DGS
Description  3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD1476DGS Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD1476DGS Datasheet HTML 5Page - Texas Instruments SN65HVD1476DGS Datasheet HTML 6Page - Texas Instruments SN65HVD1476DGS Datasheet HTML 7Page - Texas Instruments SN65HVD1476DGS Datasheet HTML 8Page - Texas Instruments SN65HVD1476DGS Datasheet HTML 9Page - Texas Instruments SN65HVD1476DGS Datasheet HTML 10Page - Texas Instruments SN65HVD1476DGS Datasheet HTML 11Page - Texas Instruments SN65HVD1476DGS Datasheet HTML 12Page - Texas Instruments SN65HVD1476DGS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
SN65HVD1470, SN65HVD1471, SN65HVD1473
SN65HVD1474, SN65HVD1476, SN65HVD1477
www.ti.com
SLLSEJ8D – JUNE 2014 – REVISED OCTOBER 2014
Electrical Characteristics (continued)
over recommended operating range (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Driver and Receiver
DE = VCC,
750
1100
µA
enabled
RE = GND, No load
Driver enabled,
DE = VCC, RE = VCC,
350
650
µA
receiver disabled
No load
ICC
Supply current (quiescent)
Driver disabled,
DE = GND,
650
800
µA
receiver enabled
RE = GND, No load
Driver and receiver
DE = GND, D = open,
0.1
5
µA
disabled
RE = VCC, No load
Supply current (dynamic)
See the Typical Characteristics section
Tsd
Thermal Shut-down junction temperature
170
°C
7.8 Switching Characteristics — 400 kbps
400-kbps devices (SN65HVD1470, SN65HVD1471) bit time
≥ 2 µs (over recommended operating conditions)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
DRIVER
tr, tf
Driver differential output rise/fall time
100
400
750
ns
tPHL, tPLH
Driver propagation delay
RL = 54 Ω, CL = 50 pF
See Figure 17
350
550
ns
tSK(P)
Driver pulse skew, |tPHL – tPLH|
40
ns
tPHZ, tPLZ
Driver disable time
50
200
ns
See Figure 18
HVD1470
Receiver enabled
300
750
ns
and Figure 19
tPZH, tPZL
Driver enable time
Receiver disabled
3
8
µs
RECEIVER
tr, tf
Receiver output rise/fall time
13
25
ns
tPHL, tPLH
Receiver propagation delay time
CL = 15 pF
See Figure 20
70
110
ns
tSK(P)
Receiver pulse skew, |tPHL – tPLH|
7
ns
tPLZ, tPHZ
Receiver disable time
45
60
ns
tPZL(1),
Driver enabled
See Figure 21
20
115
ns
HVD1470
tPZH(1)
3
8
µs
Receiver enable time
tPZL(2),
Driver disabled
See Figure 22
tPZH(2)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN65HVD1470 SN65HVD1471 SN65HVD1473 SN65HVD1474 SN65HVD1476 SN65HVD1477


Similar Part No. - SN65HVD1476DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI1-SN65HVD10 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD1476DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
logo
Analog Devices
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
logo
Texas Instruments
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com