Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4730A-G Datasheet(PDF) 3 Page - Comchip Technology

Part # 1N4730A-G
Description  Glass passivated chip.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N4730A-G Datasheet(HTML) 3 Page - Comchip Technology

  1N4730A-G Datasheet HTML 1Page - Comchip Technology 1N4730A-G Datasheet HTML 2Page - Comchip Technology 1N4730A-G Datasheet HTML 3Page - Comchip Technology 1N4730A-G Datasheet HTML 4Page - Comchip Technology 1N4730A-G Datasheet HTML 5Page - Comchip Technology 1N4730A-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VZ@IZT
IZT
1.20
9990
1900.0
4.70
200.0
1.10
8000
1600.0
4.00
220.0
0.90
8500
1800.0
3.80
240.0
0.90
9000
2000.0
3.60
250.0
0.80
9000
2100.0
3.30
270.0
0.80
9500
2300.0
3.00
300.0
Part No
Maximum
Impedance
Zener
IR @VR
Z1200A-G
Z1220A-G
Z1240A-G
Z1250A-G
Z1270A-G
Z1300A-G
Notes:
1. The type
standard tolerance on the
± 5%.
number listed have a
nominal zener voltage of
2.
everse
The r
surge current is a non-repetitive, 8.3ms pulse width square wave
Marking
Code
ZZT@IZT
ZZK@IZK
IZK
IZM
IRM
Nominal Zener
Voltage
Maximum Reverse
Leakage Current
Maximum
DC Zener
Current
Maximum
Surge
Current
152.0
167.2
182.4
190.0
205.0
228.0
22
20
19
18
16
15
0.25
0.25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
0.1
0.1
or equivalent sine-wave superimposed on IZT per JEDEC method.
1.90
5000
700.0
7.00
130.0
1.70
6000
1000.0
6.40
150.0
1.60
6500
1100.0
5.80
160.0
1.40
7000
1200.0
5.20
180.0
Z1130A-G
Z1150A-G
Z1160A-G
Z1180A-G
98.8
114.0
121.6
136.8
34
30
28
25
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
Z1130A
Z1150A
Z1160A
Z1180A
Z1200A
Z1220A
Z1240A
Z1250A
Z1270A
Z1300A
(V)
(mA)
(μA)
(Ω)
(Ω)
(mA)
(V)
(mA)
(mApk)
2.30
4000
450.0
8.60
110.0
2.00
4500
550.0
7.80
120.0
Z1110A-G
Z1120A-G
83.6
91.2
40
37
0.25
0.25
0.1
0.1
Z1110A
Z1120A
0.70
9500
2500.0
2.70
330.0
Z1330A-G
250.0
13
0.25
0.1
Z1330A
Electrical Characteristics (1N4728A-G Thru. Z1330A-G)
Page 3
REV: D
QW-BZ007
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Axial Lead Zener Diode


Similar Part No. - 1N4730A-G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4730A-G PANJIT-1N4730A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
1N4730A-G PANJIT-1N4730A-G Datasheet
304Kb / 5P
   SILICON ZENER DIODE
More results

Similar Description - 1N4730A-G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MT110C08T1 MCC-MT110C08T1 Datasheet
545Kb / 5P
   Glass passivated chip
MD100S08M3 MCC-MD100S08M3 Datasheet
512Kb / 4P
   Glass passivated chip
TBS20A MCC-TBS20A Datasheet
371Kb / 3P
   Glass passivated chip
logo
Bruckewell Technology L...
FR301_7G BWTECH-FR301_7G Datasheet
361Kb / 4P
   Glass passivated chip
logo
StarHope
ASB20A SPSEMI-ASB20A Datasheet
1Mb / 4P
   Glass passivated chip
logo
Kersemi Electronic Co.,...
MUR2010CT KERSEMI-MUR2010CT Datasheet
1Mb / 2P
   Glass passivated chip
logo
Micro Commercial Compon...
MD100A08D1 MCC-MD100A08D1 Datasheet
476Kb / 4P
   Glass passivated chip
logo
Shenzhen Luguang Electr...
5KP170 LUGUANG-5KP170 Datasheet
425Kb / 4P
   Glass passivated chip
logo
New Jersey Semi-Conduct...
MUR1605 NJSEMI-MUR1605 Datasheet
93Kb / 1P
   Glass passivated chip
logo
Shanghai Leiditech Elec...
SMAJ3.3LIR LEIDITECH-SMAJ3.3LIR Datasheet
1,016Kb / 3P
   Glass passivated chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com