Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-7489 Datasheet(PDF) 4 Page - Stanford Microdevices

Part # SGA-7489
Description  DC-3000 MHZ SILICON GERMANIUM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SGA-7489 Datasheet(HTML) 4 Page - Stanford Microdevices

  SGA-7489 Datasheet HTML 1Page - Stanford Microdevices SGA-7489 Datasheet HTML 2Page - Stanford Microdevices SGA-7489 Datasheet HTML 3Page - Stanford Microdevices SGA-7489 Datasheet HTML 4Page - Stanford Microdevices SGA-7489 Datasheet HTML 5Page - Stanford Microdevices SGA-7489 Datasheet HTML 6Page - Stanford Microdevices SGA-7489 Datasheet HTML 7Page - Stanford Microdevices SGA-7489 Datasheet HTML 8Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Preliminary
Preliminary
SGA-7489 DC-3000 MHz 5V SiGe Amplifier
4
EDS-101801 Rev A
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
726 Palomar Ave., Sunnyvale, CA 94085
P1dB & IP3 vs. Frequency @ 3 Temps.
Id= 130 mA
10
15
20
25
30
35
40
45
0
100
200
300
400
500
600
700
800
900
Frequency (MHz)
P1dB(-40C)
P1dB(+25C)
P1dB(+85C)
IP3(-40C)
IP3(+25C)
IP3(+85C)
P1dB
IP3
S-Parameter Data @ -40C,+25C,+85C ,I
d =130 mA
S21 v s. Freq. @-40C,+25C,+85C
0
6
12
18
24
30
0
500
1000
1500
2000
2500
3000
Fre que ncy (MHz)
S21(-40C)
S21(+25C)
S21(+85C)
S11 v s. Freq. @-40C,+25C,+85C
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
Fre que ncy (MHz)
S11(-40C
S11(+25
S11(+85
S12 v s. Freq. @-40C,+25C,+85C
-30
-24
-18
-12
-6
0
0
500
1000
1500
2000
2500
3000
Frequency (M Hz)
S12(-40C)
S12(+25C)
S12(+85C)
S22 v s. Freq. @-40C,+25C,+85C
-40
-32
-24
-16
-8
0
0
500
1000
1500
2000
2500
3000
Frequency (M Hz)
S22(-40C
S22(+25
S22(+85


Similar Part No. - SGA-7489

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-7489 SIRENZA-SGA-7489 Datasheet
99Kb / 4P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-7489 SIRENZA-SGA-7489 Datasheet
653Kb / 6P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-7489Z SIRENZA-SGA-7489Z Datasheet
99Kb / 4P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-7489 SIRENZA-SGA-7489_1 Datasheet
653Kb / 6P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
More results

Similar Description - SGA-7489

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-7489 SIRENZA-SGA-7489 Datasheet
99Kb / 4P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-7489 SIRENZA-SGA-7489_1 Datasheet
653Kb / 6P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
List of Unclassifed Man...
SGA-0363 ETC-SGA-0363 Datasheet
260Kb / 5P
   DC 5000 MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
SGA-3586 ETC-SGA-3586 Datasheet
249Kb / 5P
   DC-5000 MHz Silicon Germanium Cascadeable Gain Block
SGA-4563 ETC-SGA-4563 Datasheet
265Kb / 5P
   DC-2500 MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGA-0363 SIRENZA-SGA-0363 Datasheet
251Kb / 5P
   DC-5000 MHz, Silicon Germanium Cascadeable Gain Block
SGA-5263 SIRENZA-SGA-5263 Datasheet
259Kb / 6P
   DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
logo
Stanford Microdevices
SGA-5263 STANFORD-SGA-5263 Datasheet
258Kb / 5P
   DC-4500 mhz silicon GERMANIUM CASCADEABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGA-0163 SIRENZA-SGA-0163 Datasheet
249Kb / 5P
   DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
SGA-1163 SIRENZA-SGA-1163 Datasheet
321Kb / 7P
   DC-6000 MHz SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com