Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317MQKTPR Datasheet(PDF) 7 Page - Texas Instruments

Part # LM317MQKTPR
Description  3-Terminal Adjustable Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317MQKTPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM317MQKTPR Datasheet HTML 3Page - Texas Instruments LM317MQKTPR Datasheet HTML 4Page - Texas Instruments LM317MQKTPR Datasheet HTML 5Page - Texas Instruments LM317MQKTPR Datasheet HTML 6Page - Texas Instruments LM317MQKTPR Datasheet HTML 7Page - Texas Instruments LM317MQKTPR Datasheet HTML 8Page - Texas Instruments LM317MQKTPR Datasheet HTML 9Page - Texas Instruments LM317MQKTPR Datasheet HTML 10Page - Texas Instruments LM317MQKTPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
+
Over Temp &
Over Current
Protection
Input
Adj.
Output
1.25V
Iadj
LM317M
www.ti.com
SLVS297P – APRIL 2000 – REVISED MARCH 2014
7 Detailed Description
7.1 Overview
The LM317 is a 500-mA linear regulator with high voltage tolerance up to 40-V. The device has a feedback
voltage that is relative to the output instead of ground. This ungrounded design allows the LM317 to have
superior line and load regulation. It also allows the LM317 to be used as a current source or current sink using a
single resistor. Any output voltage output voltage from 1.25-V to 37-V can be obtained by using two resistors.
The bias current of the device, up to 10-mA, flows to the output; this current must be used by the load or the
feedback resistors. The power dissipation will be the product of pass element voltage and current,
mathematically:
(V[input] – V[output]) × I[output]
(1)
The application heat sink must be able to absorb this power.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 NPN Darlington Output Drive
NPN Darlington output topology provides naturally low output impedance and an output capacitor is optional. To
support maximum current and lowest temperature, 2.5-V headroom is recommended (VI – VO ).
7.3.2 Overload Block
Current limit scales with higher voltage to provide a safe operation area for the NPN pass elements. Over
temperature shutdown protects against overload or under heat sinking.
7.3.3 Programmable Feedback
Op amp with 1.25-V offset input at the ADJUST terminal provides easy output voltage or current (not both)
programming. For current regulation applications, a single resistor whose resistance value is 1.25V/IOUT and
power rating is greater than (1.25V)2/R should be used. For voltage regulation applications, two resistors set the
output voltage. See the Typical Application section for schematic and resistor formula.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM317M


Similar Part No. - LM317MQKTPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317MQKTPR TI-LM317MQKTPR Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MQKTPR TI-LM317MQKTPR Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MQKTPR TI-LM317MQKTPR Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MQKTPR TI-LM317MQKTPR Datasheet
398Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - LM317MQKTPR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com