Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3203 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3203
Description  Step-Down DC-DC Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3203 Datasheet(HTML) 1 Page - Texas Instruments

  LM3203 Datasheet HTML 1Page - Texas Instruments LM3203 Datasheet HTML 2Page - Texas Instruments LM3203 Datasheet HTML 3Page - Texas Instruments LM3203 Datasheet HTML 4Page - Texas Instruments LM3203 Datasheet HTML 5Page - Texas Instruments LM3203 Datasheet HTML 6Page - Texas Instruments LM3203 Datasheet HTML 7Page - Texas Instruments LM3203 Datasheet HTML 8Page - Texas Instruments LM3203 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM3203
VIN
2.7V to 5.5V
VOUT
0.8V to 3.6V
L1
3.3 PH
C1
10 PF
C5
0.1 PF
C2
4.7 PF
VDD
PVIN
SW
FB
PGND
SGND
10 pF
267k
BYPOUT
R1
R2
133k
C3
BYP
VCON
EN
VCON
0.267V to 1.20V
LM3203
www.ti.com
SNVS355D – MAY 2005 – REVISED APRIL 2013
LM3203 Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power
Amplifiers
Check for Samples: LM3203
1
FEATURES
DESCRIPTION
The LM3203 is a DC-DC converter optimized for
2
2MHz (Typ.) PWM Switching Frequency
powering RF power amplifiers (PAs) from a single
Operates from a Single Li-Ion Cell (2.7V to
Lithium-Ion cell. However, they may be used in many
5.5V)
other applications. It steps down an input voltage of
Adjustable Output Voltage (0.8V to 3.6V)
2.7V to 5.5V to an adjustable output voltage of 0.8V
to 3.6V. The output voltage is set using a VCON
500mA Maximum Load Capability (PWM and
analog
input
and
external
resistor
dividers
for
Bypass Mode)
optimizing efficiency of the RF PA at various power
PWM / Forced Bypass Mode
levels.
Low RDSON Bypass FET: 85mΩ (Typ.)
The LM3203 offers 3 modes for mobile phones and
High Efficiency (96% typ. at 3.6VIN, 3.2VOUT at
similar RF PA applications. Fixed-frequency PWM
150mA)
mode minimizes RF interference. Bypass mode turns
on an internal bypass switch to power the PA directly
Fast Turn-On Time When Enabled (50µs typ.),
from the battery. Shutdown mode turns the device off
3GPP Compliant
and reduces battery consumption to 0.1µA (typ.).
10-Pin DSBGA Package
The LM3203 is available in a 10-pin lead free DSBGA
Current Overload Protection
package. A high switching frequency (2MHz) allows
Thermal Overload Protection
use of tiny surface-mount components.
APPLICATIONS
Cellular Phones
Hand-Held Radios
RF PC Cards
Battery Powered RF Devices
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3203

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3203 NSC-LM3203 Datasheet
1Mb / 15P
   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
logo
Texas Instruments
LM3203 TI1-LM3203 Datasheet
3Mb / 23P
[Old version datasheet]   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
logo
National Semiconductor ...
LM3203TL NSC-LM3203TL Datasheet
1Mb / 15P
   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
LM3203TLX NSC-LM3203TLX Datasheet
1Mb / 15P
   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
logo
Texas Instruments
LM3203 TI-LM3203_15 Datasheet
3Mb / 22P
[Old version datasheet]   LM3203 Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
More results

Similar Description - LM3203

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com