Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3209-G3 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3209-G3
Description  Seamless-Transition Buck-Boost Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3209-G3 Datasheet(HTML) 5 Page - Texas Instruments

  LM3209-G3_16 Datasheet HTML 1Page - Texas Instruments LM3209-G3_16 Datasheet HTML 2Page - Texas Instruments LM3209-G3_16 Datasheet HTML 3Page - Texas Instruments LM3209-G3_16 Datasheet HTML 4Page - Texas Instruments LM3209-G3_16 Datasheet HTML 5Page - Texas Instruments LM3209-G3_16 Datasheet HTML 6Page - Texas Instruments LM3209-G3_16 Datasheet HTML 7Page - Texas Instruments LM3209-G3_16 Datasheet HTML 8Page - Texas Instruments LM3209-G3_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LM3209-G3
www.ti.com
SNVS626B – NOVEMBER 2009 – REVISED MARCH 2013
SYSTEM CHARACTERISTICS
The following spec table entries are specified by design and verifications providing the component values in the typical
application circuit are used (L = 2.2 µH, DCR = 110 m
Ω, MIPSZ2520D2R2/FDK; CIN = 10 µF 6.3V, C1608X5R0J106K/TDK;
COUT = 4.7 µF, 6.3V, ECJ1VB0J475K/Panasonic). These parameters are not verified by production testing. Min and Max
limits in apply over the full operating ambient temperature range (
−30°C ≤ TA ≤ 85°C) and over the VIN range (= PVIN = EN)
= 2.7V to 5.5V unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Turn on time (time for output to
EN = L to H, VIN = 3.7V,
TON
35
50
µs
reach 0V
→90% × 3.5V)
IOUT = 0 mA
Turn off time (time output to
EN = H to L, VIN = 3.7V,
TOFF
50
100
µs
reach 3.5V
→10% × 3.5V)
IOUT = 0 mA
IOUT_MAX
Max output current
VIN ≥ 3.2V, VOUT = 4.2V
500
mA
Boost (% M4 on)
50
DMAX
Maximum Duty Cycle
%
Buck (% M1 on)
100
VCON = 1V,
CCON
VCON input capacitance
10
pF
Test frequency = 100 kHz
VCON_LIN
VCON linearity
0.2V
≤ VCON ≤ 1.4V
−70
+70
mV
VIN ≥ 3.2V, 0.6 ≤ VOUT ≤ 4.2V,
Ripple voltage
15
50
mV
0 mA
≤ IOUT ≤ 430 mA, TA = 25°C
VO_RIPPLE
VIN = 3.0V to 5.0V,
Ripple voltage in mode transition
VIN = TR = TF = 30s
50
mV
3.3V
≤ VOUT ≤ 4.2V
VCON = 0.2V, IOUT = 70 mA
0.530
0.600
0.670
VCON = 0.4V, IOUT = 70 mA
1.130
1.200
1.270
VCON = 0.833V, IOUT = 200 mA
2.430
2.50
2.57
VOUT
Output Voltage Accuracy
V
VCON = 1.167V, IOUT = 300 mA
3.431
3.50
3.57
VCON = 1.333V, IOUT = 350 mA
3.930
4.000
4.070
VCON = 1.4V, IOUT = 500 mA, VIN ≥ 3.2V
4.13
4.20
4.27
VIN = 3.2V to 4.9V, VIN TR = TF = 10 µs,
Line Regulation
10
mV
VOUT = 3.5V
ΔVOUT
IOUT = 0 mA to 500 mA,
Load Regulation
IOUT = TR = TF = 1 µs,
20
mV
VIN = 3.2V to 4.9V
VCON transient response
200
mV
overshoot
VIN = 3.2V to 4.2V,
VCON transient response rise
VOUT = 0.8V to 4.0V,
VCON_TR
20
time
VCON Tr = Tf = 1 µs,
µs
RLOAD = 11.4Ω
VCON transient response fall
50
time
VIN = 3.7V, VOUT = 1.2V,
80
85
IOUT = 70 mA
VIN = 3.7V, VOUT = 2.5V,
90
95
IOUT = 200 mA
η
Efficiency
%
VIN = 3.7V, VOUT = 3.5V,
90
95
IOUT = 300 mA
VIN = 3.7V, VOUT = 4.1V,
85
95
IOUT = 350 mA
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3209-G3


Similar Part No. - LM3209-G3_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3209-G3 TI-LM3209-G3_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM3209-G3 Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
More results

Similar Description - LM3209-G3_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3269 TI1-LM3269_16 Datasheet
2Mb / 27P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter
logo
Maxim Integrated Produc...
MAX77816EVKIT MAXIM-MAX77816EVKIT Datasheet
1Mb / 11P
   Buck and Boost Operation Including Seamless Transition between Buck and Boost Modes
Rev 0; 7/17
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
[Old version datasheet]   LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3209-G3 TI-LM3209-G3_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM3209-G3 Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3209-G3 TI1-LM3209-G3 Datasheet
186Kb / 6P
[Old version datasheet]   LM3209-G3 PRODUCT BRIEF Seamless-Transition Buck-Boost Converter for Battery- Powered 3G/4G RF Power Amplifiers
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Maxim Integrated Produc...
MAX8625 MAXIM-MAX8625 Datasheet
609Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
19-1006; Rev 4; 4/09
MAX8625A MAXIM-MAX8625A_08 Datasheet
478Kb / 16P
   High-Efficiency, Seamless Transition, Step-Up/Down DC-DC Converter
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com