Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3279 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3279
Description  Buck-Boost Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3279 Datasheet(HTML) 5 Page - Texas Instruments

  LM3279_16 Datasheet HTML 1Page - Texas Instruments LM3279_16 Datasheet HTML 2Page - Texas Instruments LM3279_16 Datasheet HTML 3Page - Texas Instruments LM3279_16 Datasheet HTML 4Page - Texas Instruments LM3279_16 Datasheet HTML 5Page - Texas Instruments LM3279_16 Datasheet HTML 6Page - Texas Instruments LM3279_16 Datasheet HTML 7Page - Texas Instruments LM3279_16 Datasheet HTML 8Page - Texas Instruments LM3279_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LM3279
www.ti.com
SNVS970C – MARCH 2013 – REVISED OCTOBER 2014
6.4 Thermal Information
DSBGA
THERMAL METRIC(1)
YZR
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
70.1
RθJC(top)
Junction-to-case (top) thermal resistance
14.4
RθJB
Junction-to-board thermal resistance
10
°C/W
ψJT
Junction-to-top characterization parameter
1.7
ψJB
Junction-to-board characterization parameter
10
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
(1)
Limits are for TA = TJ = 25°C, and specifications apply to the LM3279 Typical Application Circuits with: PVIN = 3.8 V, VIO or
EN = 1.8 V, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSET = 0Bh
0.35
0.40
0.45
VFB,MIN
Minimum FB voltage
VCON = 0.167 V
0.43
0.5
0.570
V
VSET = 75h
4.122
4.212
4.302
VFB,MAX
Maximum FB voltage
VCON = 1.4 V
4.11
4.2
4.29
No switching (2) FB = HIGH
IQ_PWM
DC bias current in PVIN, SVIN
1.4
2
mA
Max limits =
−30°C ≤ TJ = TA ≤ 85°C
VIO = EN = 0 V, VCON = 0 V,
ISHDN
Shutdown supply current
SW1 = SW2 = VOUT = 0 V
0.2
2
µA
Max limits =
−30°C ≤ TJ = TA ≤ 85°C
VIO = 1.8 V, VSET_CTRL = 02h,
IQ STBY
Standby supply current
1.2
mA
SW1 = SW2 = VOUT = 0 V
ILIM_L
Input current limit (large)
Open Loop (3) VCON = 1.2 V
1500
1700
mA
ILIM_S
Input current limit (small)
Open Loop (3) VCON = 0.2 V
700
850
PWM
ƒOSC_PWM
Internal oscillator frequency
2.1
2.4
2.7
Min and Max limits =
−30°C ≤ TJ = TA ≤ 85°C
MHz
fSCLK
SCLK clock frequency
0.032
26
IVIO-IN
VIO voltage average input current
VIO = 1.8 V, Average during 26-MHz write
1.25
mA
ISDATA
−2
1
IIL
VIN = 0.2*VIO
ISCLK
−1
1
µA
ISDATA
−2
10
IIH
VIN = 0.8*VIO
ISCLK
−1
10
Input high-level threshold EN, GPO0,
VIH
1.2
GPO1
Min and Max limits =
−30°C ≤ TJ = TA ≤ 85°C
V
Input low-level threshold EN, GPO0,
VIL
0.6
GPO1
VIH-SDATA,
Input high-level threshold SDATA,
0.4*VIO
0.7*VIO
SCLK
SCLK
VIL-SDATA,
Input low-level threshold SDATA,
0.3*VIO
0.6*VIO
SCLK
SCLK
V
VOH-SDATA
Output high-level threshold SDATA
ISDATA = −2 mA
0.8*VIO
VIO + 0.01
VOL-SDATA
Output low-level threshold SDATA
ISDATA = 2 mA
0.2*VIO
VOH-GPO
Output high-level threshold GPO
IOUT = ±200 µA
VIO
−0.15V
VIO+0.1V
VOL-GPO
Output low-level threshold GPO
IOUT = ±200 µA
−0.4
0.3
V
VSET-LSB
Output voltage LSB
VSET_CTRL = 40h to 41h
36
mV
IEN
EN pin pulldown current
VIO = 0 V
5
10
µA
(1)
Min and Max limits are specified by design, test, or statistical analysis.
(2)
IQ specified here is when the part is not switching.
(3)
The parameters in the electrical characteristics table are tested under open loop conditions at PVIN = 3.8 V. For performance over the
input voltage range and closed loop results refer to the datasheet curves.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3279


Similar Part No. - LM3279_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3279 TI-LM3279_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM3279 Buck-Boost Converter With MIPI짰 RFFE Interface for 3G And 4G RF Power Amplifiers
More results

Similar Description - LM3279_16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
Texas Instruments
LM3209-G3 TI1-LM3209-G3_16 Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
   Current Mode Buck-Boost Converter
logo
STMicroelectronics
AN1894 STMICROELECTRONICS-AN1894 Datasheet
310Kb / 14P
   BUCK-BOOST CONVERTER REFERENCE BOARD
logo
Recom International Pow...
RBBA3000 RECOM-RBBA3000 Datasheet
1Mb / 8P
   Non-isolated buck/boost converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
logo
Texas Instruments
LM3269 TI1-LM3269_16 Datasheet
2Mb / 27P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com